Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 309 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 309 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 305Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 306Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 307Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 308Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 309Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 310Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 311Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 312Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 313Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 439 page
background image
Value
Description
1010
SPI Host mode: Clock = FOSC/(4*(SSPxADD+1)). SSPxADD must be greater than 0.(3)
1001
Reserved - do not use
1000
I2C Host mode: Clock = FOSC/(4 * (SSPxADD + 1))
0111
I2C Client mode: 10-bit address
0110
I2C Client mode: 7-bit address
0101
SPI Client mode: Clock = SCKx pin. SSx pin control is disabled
0100
SPI Client mode: Clock = SCKx pin. SSx pin control is enabled
0011
SPI Host mode: Clock = TMR2 output/2
0010
SPI Host mode: Clock = FOSC/64
0001
SPI Host mode: Clock = FOSC/16
0000
SPI Host mode: Clock = FOSC/4
Notes: 
1.
In Host mode, the overflow bit is not set since each new reception (and transmission) is initiated by writing to
the SSPxBUF register.
2.
When enabled, these pins must be properly configured as inputs or outputs.
3.
SSPxADD = 0 is not supported.
4.
Bit combinations not specifically listed here are either reserved or implemented in I2C mode only.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com