Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 310 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 310 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 306Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 307Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 308Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 309Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 310Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 311Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 312Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 313Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 314Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 439 page
background image
25.4.6
SSPxCON2
Name: 
SSPxCON2
Offset: 
0x0191
MSSP Control Register 2
Control Register for I2C Operation Only
Bit
7
6
5
4
3
2
1
0
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
Access
R/W
R/W/HC
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit 7 – GCEN
General Call Enable bit (Client mode only)
Value
Mode
Description
x
Host mode
Don’t care
1
Client mode
General Call is enabled
0
Client mode
General Call is not enabled
Bit 6 – ACKSTAT Acknowledge Status bit (Host Transmit mode only)
Value
Description
1
Acknowledge was not received from client
0
Acknowledge was received from client
Bit 5 – ACKDT
Acknowledge Data bit (Host Receive mode only)(1)
Value
Description
1
Not Acknowledge
0
Acknowledge
Bit 4 – ACKEN
Acknowledge Sequence Enable bit(2)
Value
Description
1
Initiates Acknowledge sequence on SDAx and SCLx pins and transmits ACKDT data bit;
automatically cleared by hardware
0
Acknowledge sequence is Idle
Bit 3 – RCEN
Receive Enable bit (Host Receive mode only)(2)
Value
Description
1
Enables Receive mode for I2C
0
Receive is Idle
Bit 2 – PEN
Stop Condition Enable bit (Host mode only)(2)
Value
Description
1
Initiates Stop condition on SDAx and SCLx pins; automatically cleared by hardware
0
Stop condition is Idle
Bit 1 – RSEN
Repeated Start Condition Enable bit (Host mode only)(2)
Value
Description
1
Initiates Repeated Start condition on SDAx and SCLx pins; automatically cleared by hardware
0
Repeated Start condition is Idle
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com