Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 307 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 307 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 303Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 304Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 305Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 306Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 307Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 308Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 309Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 310Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 311Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 439 page
background image
Value
Mode
Description
1
I2C 10-bit Client
Indicates that the user needs to update the address in the SSPxADD register
0
I2C 10-bit Client
Address does not need to be updated
Bit 0 – BF  Buffer Full Status bit(5)
Value
Mode
Description
1
I2C Transmit
Transmit in progress, SSPxBUF is full
0
I2C Transmit
Transmit complete; SSPxBUF is empty
1
SPI and I2C Receive
Receive complete, SSPxBUF is full
0
SPI and I2C Receive
Receive not complete, SSPxBUF is empty
Notes: 
1.
This bit is cleared on Reset and when SSPEN is cleared.
2.
In I2C Client mode, this bit holds the R/W bit information following the last address match. This bit is only valid
from the address match to the next Start bit, Stop bit or not ACK bit.
3.
ORing this bit with SEN, RSEN, PEN, RCEN or ACKEN will indicate if the MSSP is in Active mode.
4.
Polarity of clock state is set by the CKP bit.
5.
I2C receive status does not include ACK and Stop bits.
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 307



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com