Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 306 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 306 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 302Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 303Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 304Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 305Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 306Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 307Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 308Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 309Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 310Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 439 page
background image
25.4.4
SSPxSTAT
Name: 
SSPxSTAT
Offset: 
0x018F
MSSP Status Register
Bit
7
6
5
4
3
2
1
0
SMP
CKE
D/A
P
S
R/W
UA
BF
Access
R/W
R/W
R
R
R
R
R
R
Reset
0
0
0
0
0
0
0
0
Bit 7 – SMP Slew Rate Control bit
Value
Mode
Description
1
SPI Host
Input data is sampled at the end of data output time
0
SPI Host
Input data is sampled at the middle of data output time
0
SPI Client
Bit must be cleared in SPI Client mode
1
I2C
Slew rate control is disabled for Standard Speed mode (100 kHz and 1 MHz)
0
I2C
Slew rate control is enabled for High Speed mode (400 kHz)
Bit 6 – CKE  SPI: Clock Select bit(4); I2C: SMBus Select bit
Value
Mode
Description
1
SPI
Transmit occurs on the transition from Active to Idle clock state
0
SPI
Transmit occurs on the transition from Idle to Active clock state
1
I2C
Enables SMBus-specific inputs
0
I2C
Disables SMBus-specific inputs
Bit 5 – D/A  Data/Address bit
Value
Mode
Description
x
SPI or I2C Host
This bit is not used
1
I2C Client
Indicates that the last byte received or transmitted was data
0
I2C Client
Indicates that the last byte received or transmitted was address
Bit 4 – P  Stop bit(1)
Value
Mode
Description
x
SPI
This bit is not used
1
I2C
Stop bit was detected last
0
I2C
Stop bit was not detected last
Bit 3 – S  Start bit(1)
Value
Mode
Description
x
SPI
This bit is not used
1
I2C
Start bit was detected last
0
I2C
Start bit was not detected last
Bit 2 – R/W  Read/Write Information bit(2,3)
Value
Mode
Description
x
SPI
This bit is not used
1
I2C Client
Read
0
I2C Client
Write
1
I2C Host
Transmit is in progress
0
I2C Host
Transmit is not in progress
Bit 1 – UA  Update Address bit (10-bit I2C Client mode only)
Value
Mode
Description
x
All other modes
This bit is not used
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 306



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com