Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 312 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 312 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 308Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 309Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 310Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 311Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 312Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 313Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 314Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 315Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 316Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 439 page
background image
25.4.7
SSPxCON3
Name: 
SSPxCON3
Offset: 
0x0192
MSSP Control Register 3
Bit
7
6
5
4
3
2
1
0
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
Access
R/HS/HC
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
0
0
Bit 7 – ACKTIM
Acknowledge Time Status bit
Value
Mode
Description
x
SPI or I2C Host
This bit is not used
1
I2C Client and AHEN = 1 or DHEN
= 1
Eighth falling edge of SCL has occurred and the ACK/NACK state
is Active
0
I2C Client
ACK/NACK state is not Active. Transitions low on ninth rising edge
of SCL.
Bit 6 – PCIE
Stop Condition Interrupt Enable bit
Value
Mode
Description
x
SPI or SSPM = 1111 or 1110
This bit is not used
1
SSPM ≠ 1111 and SSPM ≠ 1110
Enable interrupt on detection of Stop condition
0
SSPM ≠ 1111 and SSPM ≠ 1110
Stop detection interrupts are disabled
Bit 5 – SCIE Start Condition Interrupt Enable bit
Value
Mode
Description
x
SPI or SSPM = 1111 or 1110
This bit is not used
1
SSPM ≠ 1111 and SSPM ≠ 1110
Enable interrupt on detection of Start condition
0
SSPM ≠ 1111 and SSPM ≠ 1110
Start detection interrupts are disabled
Bit 4 – BOEN
Buffer Overwrite Enable bit(1)
Value
Mode Description
1
SPI
SSPxBUF is updated every time a new data byte is available, ignoring the BF bit
0
SPI
If a new byte is receive with BF set then SSPOV is set and SSPxBUF is not updated
1
I2C
SSPxBUF is updated every time a new data byte is available, ignoring the SSPOV effect on
updating the buffer
0
I2C
SSPxBUF is only updated when SSPOV is clear
Bit 3 – SDAHT SDA Hold Time Selection bit
Value
Mode
Description
x
SPI
Not used in SPI mode
1
I2C
Minimum of 300 ns hold time on SDA after the falling edge of SCL
0
I2C
Minimum of 100 ns hold time on SDA after the falling edge of SCL
Bit 2 – SBCDE Client Mode Bus Collision Detect Enable bit
Unused in Host mode.
Value
Mode
Description
x
SPI or I2C Host
This bit is not used
1
I2C Client
Bus Collision detection is enabled
0
I2C Client
Bus Collision detection is not enabled
PIC16F15213/14/23/24/43/44
MSSP - Host Synchronous Serial Port Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 312



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com