Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 315 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 315 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 311Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 312Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 313Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 314Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 315Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 316Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 317Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 318Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 319Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 439 page
background image
26.
FVR - Fixed Voltage Reference
The Fixed Voltage Reference (FVR) is a stable voltage reference, independent of VDD, with 1.024V, 2.048V or 4.096V
selectable output levels. The output of the FVR can be configured to supply a reference voltage to the ADC module
as a positive reference and input channel.
The FVR can be enabled by setting the FVREN bit to ‘1’.
Note:  Fixed Voltage Reference output cannot exceed VDD.
26.1
Independent Gain Amplifiers
The output of the FVR, which is connected to the ADC, is routed through an independent programmable gain
amplifier. This amplifier can be programmed for a gain of 1x, 2x or 4x, to produce the three possible voltage levels.
The ADFVR bits are used to enable and configure the gain amplifier settings for the reference supplied to the ADC
module.
Refer to the figure below for the block diagram of the FVR module.
Figure 26-1. FVR Block Diagram
Filename:
FVR.vsdx
Title:
Last Edit:
1/23/2020
First Used:
Notes:
Rev. FVR.v sdx
1/23/2020
1x
2x
4x
ADCFVR[1:0]
To ADC module
as reference and
input channel
+
_
EN
RDY
Any peripheral
requiring Fixed
Reference
2
FVR Buffer 1
26.2
FVR Stabilization Period
When the FVR module is enabled, it requires time for the reference and amplifier circuits to stabilize. Once the
circuits stabilize and are ready for use, the FVRRDY bit will be set.
26.3
Register Definitions: FVR
Long bit name prefixes for the FVR peripherals are shown in the following table. Refer to “Long Bit Names” in the
“Register and Bit Naming Conventions” section for more information.
Table 26-1. FVR Long Bit Name Prefixes
Peripheral
Bit Name Prefix
FVR
FVR
PIC16F15213/14/23/24/43/44
FVR - Fixed Voltage Reference
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 315



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com