Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 316 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 316 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 312Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 313Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 314Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 315Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 316Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 317Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 318Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 319Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 320Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 439 page
background image
26.3.1
FVRCON
Name: 
FVRCON
Offset: 
0x090C
Fixed Voltage Reference Control Register
Bit
7
6
5
4
3
2
1
0
FVREN
FVRRDY
ADFVR[1:0]
Access
R/W
R
R/W
R/W
Reset
0
0
0
0
Bit 7 – FVREN Fixed Voltage Reference Enable bit
Value
Description
1
Fixed Voltage Reference is enabled
0
Fixed Voltage Reference is disabled
Bit 6 – FVRRDY  Fixed Voltage Reference Ready Status bit (2)
Value
Description
1
Fixed Voltage Reference output is ready for use
0
Fixed Voltage Reference output is not ready or not enabled
Bits 1:0 – ADFVR[1:0] ADC FVR Buffer Gain Selection bit
Value
Description
11
ADC FVR Buffer Gain is 4x, (4.096V)(1)
10
ADC FVR Buffer Gain is 2x, (2.048V)(1)
01
ADC FVR Buffer Gain is 1x, (1.024V)
00
ADC FVR Buffer is off
Notes: 
1.
Fixed Voltage Reference output cannot exceed VDD.
2.
FVRRDY is always ‘1’.
PIC16F15213/14/23/24/43/44
FVR - Fixed Voltage Reference
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com