Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 320 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 320 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 316Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 317Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 318Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 319Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 320Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 321Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 322Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 323Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 324Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 439 page
background image
27.1.1
Port Configuration
The ADC will convert the voltage on a pin whether or not the ANSEL bit is set. When converting analog signals, the
I/O pin may be configured for analog by setting the associated TRIS and ANSEL bits. Refer to the “I/O Ports” section
for more information.
Important:  Analog voltages on any pin that is defined as a digital input may cause the input buffer to
conduct excess current.
27.1.2
Channel Selection
The Analog Channel Select (CHS) bits determine which channel is connected to the Sample-and-Hold circuit for
conversion. When switching channels, it is recommended to add an acquisition delay before starting the next
conversion. Refer to the ADC Operation section for more information.
Important:  To reduce the chance of measurement error, it is recommended to discharge the Sample-
and-Hold capacitor when switching between ADC channels by starting a conversion on a channel
connected to VSS and terminating the conversion after the acquisition time has elapsed. If the ADC does
not have a dedicated VSS input channel, a free input channel can be connected to VSS and used in place
of the dedicated input channel.
27.1.3
ADC Voltage Reference
The ADC Positive Voltage Reference Selection (PREF) bits provide control of the positive voltage reference. Refer to
the ADC Control Register 1 (ADCON1) for the list of available positive voltage sources.
27.1.4
Conversion Clock
The conversion clock source is selected via the ADC Conversion Clock Select (CS) bits. The available clock sources
include several derivatives of the system clock (FOSC), as well as a dedicated internal fixed-frequency clock referred
to as the ADCRC.
The time to complete one bit conversion is defined as the TAD. Refer to Figure 27-2 for complete timing details of the
ADC conversion.
For a correct conversion, the appropriate TAD specification must be met. Refer to the ADC Timing Specifications
table in the “Electrical Specifications” section for more details. Table 27-1 gives examples of appropriate ADC clock
selections.
Important: 
• With the exception of the ADCRC clock source, any changes in the system clock frequency will
change the ADC clock frequency, which may adversely affect the ADC result.
• The internal control logic of the ADC operates off of the clock selected by the CS bits. When the CS
bits select the ADCRC, there may be unexpected delays in operation when setting the ADC control
bits.
Table 27-1. ADC Clock Period (TAD) for Different Device Frequencies (FOSC)
ADC Clock
Source
CS[2:0]
ADC Clock Period (TAD) for Different Device Frequencies (FOSC)
32 MHz
20 MHz
16 MHz
8 MHz
4 MHz
1 MHz
FOSC/2
‘b000
62.5 ns(2)
100 ns(2)
125 ns(2)
250 ns(2)
500 ns
2.0 µs
FOSC/4
‘b100
125 ns(2)
200 ns(2)
250 ns(2)
500 ns
1.0 µs
4.0 µs
PIC16F15213/14/23/24/43/44
ADC - Analog-to-Digital Converter
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com