Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 322 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 322 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 318Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 319Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 320Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 321Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 322Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 323Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 324Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 325Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 326Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 439 page
background image
• If ADIE = 1, PEIE = 1, and GIE = 0: An interrupt will wake the device from Sleep. Upon waking from Sleep, the
instructions following the SLEEP instruction are executed. The Interrupt Service Routine is not executed.
• If ADIE = 1, PEIE = 1, and GIE = 1: An interrupt will wake the device from Sleep. Upon waking from Sleep,
the instruction following the SLEEP instruction is always executed. Then the execution will switch to the Interrupt
Service Routine.
27.1.6
ADC Result Formatting
The 10-bit ADC conversion result can be supplied in two formats: left-justified or right-justified. The ADC Result
Format/Alignment Selection (FM) bit controls the output format as shown in Figure 27-3.
Figure 27-3. 10-Bit ADC Conversion Result Format
Filename:
10-Bit ADC Conversion Result Format.vsdx
Title:
Last Edit:
11/19/2019
First Used:
Notes:
MSb
MSb
LSb
LSb
(FM = 0)
(FM = 1)
bit 7
bit 7
bit 7
bit 7
bit 0
bit 0
bit 0
bit 0
10-bit ADC Result
10-bit ADC Result
Unimplemented: Read as 0
Unimplemented: Read as 0
ADRESH
ADRESL
Important:  Writes to the ADRES register pair are always right-justified, regardless of the selected format
mode. Therefore, data read after writing to ADRES when FM = 0 will be shifted left four places.
27.2
ADC Operation
27.2.1
Starting a Conversion
To enable the ADC module, the ON bit must be set to ‘1’. A conversion may be started by either of the following:
• Software setting the GO bit to ‘1’
• An external trigger (source selected by the ADC Auto-Conversion Trigger (ADACT) register)
Important:  The GO bit must not be set in the same instruction that turns on the ADC. Refer to
27.2.5. ADC Conversion Procedure for more details.
27.2.2
Completion of a Conversion
When the conversion is complete, the ADC module will:
• Clear the GO bit
PIC16F15213/14/23/24/43/44
ADC - Analog-to-Digital Converter
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com