Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 325 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 325 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 321Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 322Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 323Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 324Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 325Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 326Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 327Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 328Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 329Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 325 / 439 page
background image
}
}
27.3
ADC Acquisition Requirements
For the ADC to meet its specified accuracy, the charge holding capacitor (CHOLD) must be allowed to fully charge to
the input channel voltage level. The analog input model is shown in Figure 27-4. The source impedance (RS) and
the internal sampling switch (RSS) impedance directly affect the time required to charge the capacitor CHOLD. The
sampling switch (RSS) impedance varies over the device voltage (VDD). The maximum recommended impedance for
analog sources is 10 kΩ. As the source impedance is decreased, the acquisition time may be decreased. After the
analog input channel is selected (or changed), an ADC acquisition time must be completed before the conversion can
be started. To calculate the minimum acquisition time, Equation 27-1 may be used. This equation assumes an error
of 1/2 LSb. The 1/2 LSb error is the maximum error allowed for the ADC to meet its specified resolution.
Equation 27-1. Acquisition Time Example
Assumptions: Temperature = 50°C; External impedance = 10 kΩ; VDD = 5.0V
TACQ = Amplifier Settling Time + Hold Capacitor Charging Time + Temperature Coefficient
TACQ=TAMP+ TC+ TCOFF
TACQ=2μs+TC+ Temperature−25°C 0.05μs/°C
The value for TC can be approximated with the following equations:
VAPPLIED 1− 12n+1 −1 =VCHOLD;[1]VCHOLDchargedtowithin½lsb
VAPPLIED 1−e−TCRC =VCHOLD;[2]VCHOLDchargeresponsetoVAPPLIED
VAPPLIED 1−e−TCRC =VAPPLIED 1− 12n+1 −1 ;Combining[1]and[2]
Note: Where n = ADC resolution in bits
Solving for TC:
TC= −CHOLDRIC+RSS+RS ln 1/2047
TC= −10pF1kΩ+7kΩ+10kΩ ln 0.0004885
TC=1.37μs
Therefore:
TACQ=2μs+1.37μs+ 50°C−25°C 0.05μs/°C
TACQ=4.62μs
Important: 
• The reference voltage (VREF) has no effect on the equation, since it cancels itself out.
• The charge holding capacitor (CHOLD) is not discharged after each conversion.
• The maximum recommended impedance for analog sources is 10 kΩ. This is required to meet the pin
leakage specification.
PIC16F15213/14/23/24/43/44
ADC - Analog-to-Digital Converter
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 325



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com