Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 328 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 328 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 324Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 325Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 326Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 327Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 328Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 329Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 330Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 331Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 332Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 439 page
background image
27.4.1
ADCON0
Name: 
ADCON0
Offset: 
0x09D
ADC Control Register 0
Bit
7
6
5
4
3
2
1
0
CHS[5:0]
GO
ON
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W/HS/HC
R/W
Reset
0
0
0
0
0
0
0
0
Bits 7:2 – CHS[5:0] Analog Channel Select
CHS
Selected Channel
111111-011111
Reserved
011110
FVR Buffer 1
011101-011100
Reserved
011011
VSS
011010-010110
Reserved
010101
RC5(1)
010100
RC4(1)
010011
RC3(1)
010010
RC2(1)
010001-010000
Reserved
001111
RB7(2)
001110
RB6(2)
001101
RB5(2)
001100-000110
Reserved
000101
RA5
000100
RA4
000011
Reserved
000010
RA2
000001
RA1
000000
RA0
Bit 1 – GO ADC Conversion Status
Value
Description
1
ADC conversion cycle in progress. Setting this bit starts an ADC conversion cycle. This bit is
automatically cleared by hardware when the ADC conversion has completed.
0
ADC conversion completed/not in progress
Bit 0 – ON ADC Enable
Value
Description
1
ADC is enabled
0
ADC is disabled an consumes no operating current
Notes: 
1.
Available on 14/20-pin devices only (PIC16F15223/24/43/44).
2.
Available on 20-pin devices only (PIC16F15243/44).
PIC16F15213/14/23/24/43/44
ADC - Analog-to-Digital Converter
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com