Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 323 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 323 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 319Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 320Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 321Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 322Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 323Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 324Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 325Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 326Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 439 page
background image
• Set the ADIF bit
• Update the ADRES registers with the new conversion result
27.2.3
ADC Operation During Sleep
The ADC module can operate in Sleep. This requires the ADC clock source to be set to the ADCRC option. When the
ADC oscillator source is selected, the ADC waits one additional instruction before starting the conversion. This allows
the SLEEP instruction to be executed, which can reduce system noise during the conversion. If the ADC interrupt
is enabled (ADIE = 1), the device will wake up from Sleep when the conversion completes. If the ADC interrupt is
disabled (ADIE = 0), the device remains in Sleep and the ADC module is turned off, although the ON bit remains set.
When the ADC clock source is something other than the ADCRC, a SLEEP instruction causes the present conversion
to be aborted and the ADC is turned off, although the ON bit remains set.
27.2.3.1 External Trigger During Sleep
If an external trigger is received when the ADC is in Sleep, the trigger will be recorded, but the conversion will not
begin until the device exits Sleep.
27.2.4
Auto-Conversion Trigger
The auto-conversion trigger allows periodic ADC measurements without software intervention. When a rising edge of
the selected source occurs, the GO bit is set by hardware.
The auto-conversion trigger source is selected with the Auto-Conversion Trigger Select (ACT) bits.
Important:  Using the auto-conversion trigger does not ensure proper ADC timing. It is the user’s
responsibility to ensure that the ADC timing requirements are met.
27.2.5
ADC Conversion Procedure
This is an example procedure for using the ADC to perform an analog-to-digital conversion:
1.
Configure port:
a.
Disable the pin output driver (refer to the TRISx register)
b.
Configure the pin as analog (refer to the ANSELx register)
2.
Configure the ADC module:
a.
Select the ADC conversion clock
b.
Configure the voltage reference
c.
Select the ADC input channel
d.
Configure result format
e.
Turn on the ADC module
3.
Configure ADC interrupt (optional):
a.
Clear the ADC interrupt flag
b.
Enable the ADC interrupt
c.
Enable the peripheral interrupt (PEIE bit)
d.
Enable the global interrupt (GIE bit)(1)
4.
Wait the required acquisition time(2)
5.
Start conversion by setting the GO bit
6.
Wait for ADC conversion to complete by one of the following:
– Polling the GO bit
– Waiting for the ADC interrupt (if interrupt is enabled)
7.
Read ADC Result
8.
Clear the ADC interrupt flag (if interrupt is enabled)
PIC16F15213/14/23/24/43/44
ADC - Analog-to-Digital Converter
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com