Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 321 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 321 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 317Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 318Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 319Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 320Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 321Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 322Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 323Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 324Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 325Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 439 page
background image
...........continued
ADC Clock
Source
CS[2:0]
ADC Clock Period (TAD) for Different Device Frequencies (FOSC)
32 MHz
20 MHz
16 MHz
8 MHz
4 MHz
1 MHz
FOSC/8
‘b001
250 ns(2)
400 ns(2)
500 ns
1.0 µs
2.0 µs
8.0 µs
FOSC/16
‘b101
500 ns
800 ns
1.0 µs
2.0 µs
4.0 µs
16.0 µs(2)
FOSC/32
‘b010
1.0 µs
1.6 µs
2.0 µs
4.0 µs
8.0 µs
32.0 µs(2)
FOSC/64
‘b110
2.0 µs
3.2 µs
4.0 µs
8.0 µs
16.0 µs(2)
64.0 µs(2)
ADCRC
‘bx11
1.0 - 6.0(1,3)
Notes: 
1.
Refer to the “Electrical Specifications” section to see the TAD parameter for the ADCRC source typical TAD
value.
2.
These values violate the required TAD time.
3.
The ADC clock period (TAD) and the total ADC conversion time can be minimized when the ADC clock is
derived from the system clock FOSC. However, the ADCRC oscillator source must be used when conversions
are to be performed with the device in Sleep mode.
Figure 27-2. 10-Bit Analog-to-Digital Conversion TAD Cycles
Set GO bit
Conversion Starts
Holding capacitor disconnected
from analog input (THCD)
On the following cycle:
ADRESH:ADRESL is loaded,
GO bit is cleared,
ADIF bit is set,
holding capacitor is reconnected to analog input.
Enable ADC (ON bit)
and
select channel (CS bits)
THCD
TACQ
TAD1TAD2TAD3TAD4TAD5TAD6TAD7
TAD8TAD9TAD10
TAD11
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
1 – 1.5TAD
27.1.5
Interrupts
The ADC module allows for the ability to generate an interrupt upon completion of an analog-to-digital conversion.
The ADC Interrupt Flag (ADIF) bit is set upon the completion of each conversion. If the ADC Interrupt Enable (ADIE)
bit is set, an ADC interrupt event occurs. The ADIF bit must be cleared by software.
Important: 
1.
The ADIF bit is set at the completion of every conversion, regardless of whether or not the ADC
Interrupt is enabled.
2.
The ADC operates in Sleep only when the ADCRC oscillator is selected as the clock source.
The ADC Interrupt can be generated while the device is operating or while in Sleep. While the device is operating in
Sleep mode:
PIC16F15213/14/23/24/43/44
ADC - Analog-to-Digital Converter
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com