Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 333 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 333 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 329Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 330Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 331Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 332Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 333Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 334Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 335Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 336Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 439 page
background image
28.
Charge Pump
This family of devices offers a dedicated charge pump, which is controlled through the Charge Pump Control
(CPCON) register. The primary purpose of the charge pump is to supply a constant voltage to the gates of transistor
devices contained in analog peripherals, signal and reference input pass-gates, and to prevent degradation of
transistor performance at low operating voltages.
The charge pump offers the following modes:
• Manually Enabled
• Automatically Enabled
• Disabled
28.1
Manually Enabled
The charge pump can be manually enabled via the Charge Pump Enable (CPON) bits. When the CPON bits are
configured as ‘11’, the charge pump is enabled. In this case, the charge pump provides additional voltage to all
analog systems, regardless of VDD levels, but also consumes additional current.
28.2
Automatically Enabled
The charge pump can also be enabled automatically. This allows the application to determine when to enable the
charge pump. If the charge pump is enabled while VDD levels are above a sufficient threshold, the charge pump
does not improve analog performance, but also consumes additional current. Allowing hardware to monitor VDD and
determine when to enable the charge pump prevents unnecessary current consumption.
When the CPON bits are configured as ‘10’, charge pump hardware monitors VDD and compares the VDD levels
to a reference voltage threshold (VAUTO), which is set to 4.6V. When hardware detects a VDD level lower than
the threshold, the charge pump is automatically enabled. If VDD returns to a level above the threshold, hardware
automatically disables the charge pump.
When the CPON bits are configured as ‘01’, charge pump hardware waits for an analog peripheral, such as the ADC,
to be enabled before monitoring VDD. In this case, charge pump hardware monitors all analog peripherals, and once
an analog peripheral is enabled, hardware begins to compare VDD to VAUTO. When hardware detects a VDD level
lower than the threshold, hardware enables the charge pump. If VDD returns to a level above the threshold, or if the
analog peripheral is disabled, the charge pump is automatically disabled.
28.3
Disabled
The charge pump is disabled by default (CPON = 00). Clearing the CPON bits will disable the charge pump.
28.4
Charge Pump Threshold
The Charge Pump Threshold (CPT) bit indicates whether or not VDD is at an acceptable operating level. Charge
pump hardware compares VDD to the threshold voltage (VAUTO), which is set at 4.6V. If VDD is above VAUTO, the CPT
bit is set (CPT = 1). If VDD is below VAUTO, CPT is clear (CPT = 0).
28.5
Charge Pump Ready
The Charge Pump Ready Status (CPRDY) bit indicates whether or not the charge pump is ready for use. When
CPRDY is set (CPRDY = 1), the charge pump has reached a steady-state operation and is ready for use. When
CPRDY is clear (CPRDY = 0), the charge pump is either in the OFF state or has not reached a steady-state
operation.
PIC16F15213/14/23/24/43/44
Charge Pump
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 333



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com