Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 336 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 336 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 332Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 333Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 334Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 335Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 336Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 337Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 338Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 339Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 340Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 439 page
background image
29.
Instruction Set Summary
The PIC16F152 devices incorporate the standard set of 50 PIC16 core instructions. Each instruction is a 14-bit
word containing the operation code (opcode) and all required operands. The opcodes are broken into three broad
categories:
• Byte-Oriented
• Bit-Oriented
• Literal and Control
The literal and control category contains the most varied instruction word format.
Table 29-3 lists the instructions recognized by the XC8 assembler.
All instructions are executed within a single instruction cycle, with the following exceptions, which may take two or
three cycles:
• Subroutine entry takes two cycles (CALL, CALLW)
• Returns from interrupts or subroutines take two cycles (RETURN, RETLW, RETFIE)
• Program branching takes two cycles (GOTO, BRA, BRW, BTFSS, BTFSC, DECFSZ, INCSFZ)
• One additional instruction cycle will be used when any instruction references an indirect file register, and the file
select register is pointing to program memory
One instruction cycle consists of four oscillator cycles; for an oscillator frequency of 4 MHz, this gives a nominal
instruction execution rate of 1 MHz.
All instruction examples use the format ‘0xhh’ to represent a hexadecimal number, where ‘h’ signifies a hexadecimal
digit.
29.1
Read-Modify-Write Operations
Any instruction that specifies a file register as part of the instruction performs a Read-Modify-Write (RMW) operation.
The register is read, the data is modified, and the result is stored according to either the Working (W) register, or the
originating file register, depending on the state of the destination designator ‘d’ (see Table 29-1 for more information).
A read operation is performed on a register even if the instruction writes to that register.
Table 29-1. Opcode Field Descriptions
Field
Description
f
Register file address (0x00 to 0x7F)
W
Working register (accumulator)
b
Bit address within an 8-bit file register
k
Literal field, constant data or label
x
“Don’t care” location (= 0 or 1).
The assembler will generate code with x = 0.
It is the recommended form of use for compatibility with all Microchip software tools.
d
Destination select; d = 0: store result in W, d = 1: store result in file register f.
n
FSR or INDF number. (0-1)
mm
Pre/post increment/decrement mode selection
Table 29-2. Abbreviation Descriptions
Field
Description
PC
Program Counter
PIC16F15213/14/23/24/43/44
Instruction Set Summary
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com