Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 340 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 340 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 336Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 337Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 338Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 339Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 340Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 341Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 342Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 343Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 344Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 439 page
background image
Notes: 
1.
If the Program Counter (PC) is modified, or a conditional test is true, the instruction requires two cycles. The
second cycle is executed as a NOP.
2.
If this instruction addresses an INDF register and the MSb of the corresponding FSR is set, this instruction will
require one additional instruction cycle.
3.
Details on MOVIW and MOVWI instruction descriptions are available in the next section.
29.2.1
Standard Instruction Set
ADDFSR
Add Literal to FSRn
Syntax:
[ label ] ADDFSR FSRn, k
Operands:
-32 ≤ k ≤ 31;
n
∈ [ 0, 1]
Operation:
FSR(n) + k → FSR(n)
Status
Affected:
None
Description:
The signed 6-bit literal ‘k’ is added to the contents of the FSRnH:FSRnL register pair.
FSRn is limited to the range 0000h-FFFFh. Moving beyond these bounds will cause the FSR to
wrap-around.
ADDLW
Add Literal to W
Syntax:
[ label ] ADDLW k
Operands:
0 ≤ k ≤ 255
Operation:
(W) + k → (W)
Status Affected:
C, DC, Z
Description:
The contents of W are added to the 8-bit literal ‘k’ and the result is placed in W.
ADDWF
Add W to f
Syntax:
[ label ] ADDWF f, d
Operands:
0 ≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) + (f) → dest
Status Affected: C, DC, Z
Description:
Add the contents of the W register with register ‘f’. If ‘d’ is ‘0’, the result is stored in the W register.
If ‘d’ is ‘1’, the result is stored back in register ‘f’.
ADDWFC
Add W and Carry Bit to f
Syntax:
[ label ] ADDWFC f {,d}
Operands:
0 ≤ f ≤ 127
d
∈ [0,1]
Operation:
(W) + (f) + (C) → dest
Status Affected:
C, DC, Z
PIC16F15213/14/23/24/43/44
Instruction Set Summary
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com