Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 344 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 344 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 340Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 341Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 342Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 343Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 344Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 345Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 346Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 347Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 348Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 439 page
background image
...........continued
CLRF
Clear f
Operation:
000h → f
1 → Z
Status Affected:
Z
Description:
The contents of register ‘f’ are cleared and the Z bit is set.
CLRW
Clear W
Syntax:
[ label ] CLRW
Operands:
None
Operation:
00h → (W)
1 → Z
Status Affected:
Z
Description:
W register is cleared. Zero (Z) bit is set.
CLRWDT
Clear Watchdog Timer
Syntax:
[ label ] CLRWDT
Operands:
None
Operation:
00h → WDT,
00h → WDT prescaler,
1 → TO,
1 → PD
Status Affected:
TO, PD
Description:
The CLRWDT instruction resets the
Watchdog Timer.
It also resets the prescaler of the WDT.
Status bits, TO and PD, are set.
COMF
Complement f
Syntax:
[ label ] COMF f, d
Operands:
0 ≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) → dest
Status Affected:
Z
Description:
The contents of register ‘f’ are complemented.
If ‘d’ is ‘0’, the result is stored in W.
If ‘d’ is ‘1’, the result is stored back in register ‘f’.
DECF
Decrement f
Syntax:
[ label ] DECF f, d
Operands:
0 ≤ f ≤ 127
d
∈ [0,1]
PIC16F15213/14/23/24/43/44
Instruction Set Summary
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com