Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 348 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 348 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 344Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 345Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 346Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 347Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 348Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 349Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 350Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 351Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 352Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 439 page
background image
MOVIW
Move INDFn to W
Syntax:
[ label ] MOVIW ++FSRn
[ label ] MOVIW --FSRn
[ label ] MOVIW FSRn++
[ label ] MOVIW FSRn--
[ label ] MOVIW k[FSRn]
Operands:
n
∈ [0,1]
mm
∈ [00,01,10,11]
-32 ≤ k ≤ 31
Operation:
INDFn → (W)
Effective address is determined by
• FSR + 1 (preincrement)
• FSR - 1 (predecrement)
• FSR + k (relative offset)
After the Move, the FSR value will be either:
• FSR + 1 (all increments)
• FSR - 1 (all decrements)
• Unchanged
Status
Affected:
Z
MODE
SYNTAX
mm
Preincrement
++FSRn
00
Predecrement
--FSRn
01
Postincrement
FSRn++
10
Postdecrement
FSRn--
11
Description:
This instruction is used to move data between W and one of the indirect registers (INDFn).
Before/after this move, the pointer (FSRn) is updated by pre/post incrementing/decrementing it.
The INDFn registers are not physical registers.
Any instruction that accesses an INDFn register actually accesses the register at the address
specified by the FSRn.
FSRn is limited to the range 0000h - FFFFh.
Incrementing/decrementing it beyond these bounds will cause it to wrap-around.
MOVLB
Move Literal to BSR
Syntax:
[ label ] MOVLB k
Operands:
0 ≤ k ≤ 127
Operation:
k → BSR
Status Affected:
None
Description:
The 6-bit literal ‘k’ is loaded into the Bank Select Register (BSR).
MOVLP
Move Literal to PCLATH
Syntax:
[ label ] MOVLP k
Operands:
0 ≤ k ≤ 127
PIC16F15213/14/23/24/43/44
Instruction Set Summary
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 348



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com