Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 349 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 349 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 345Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 346Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 347Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 348Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 349Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 350Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 351Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 352Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 353Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 439 page
background image
...........continued
MOVLP
Move Literal to PCLATH
Operation:
k → PCLATH
Status Affected:
None
Description:
The 7-bit literal ‘k’ is loaded into the PCLATH register.
MOVLW
Move Literal to W
Syntax:
[ label ] MOVLW k
Operands:
0 ≤ k ≤ 255
Operation:
k → (W)
Status Affected:
None
Description:
The 8-bit literal ‘k’ is loaded into W register.
The “don’t cares” will assemble as ‘0’s.
Words:
1
Cycles:
1
Example:
MOVLW
5Ah
After Instruction
W = 5Ah
MOVWF
Move W to f
Syntax:
[ label ] MOVWF f
Operands:
0 ≤ f ≤ 127
Operation:
(W) → f
Status Affected:
None
Description:
Move data from W to register ‘f’.
Words:
1
Cycles:
1
Example:
MOVWF
LATA
Before Instruction
LATA = FFh
W = 4Fh
After Instruction
LATA = 4Fh
W = 4Fh
PIC16F15213/14/23/24/43/44
Instruction Set Summary
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 349



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com