Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 345 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 345 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 341Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 342Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 343Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 344Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 345Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 346Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 347Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 348Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 349Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 439 page
background image
...........continued
DECF
Decrement f
Operation:
(f) – 1 → dest
Status Affected:
Z
Description:
Decrement register ‘f’.
If ‘d’ is ‘0’, the result is stored in the W register.
If ‘d’ is ‘1’, the result is stored back in register ‘f’.
DECFSZ
Decrement f, Skip If 0
Syntax:
[ label ] DECFSZ f, d
Operands:
0 ≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) – 1 → dest,
skip if result = 0
Description:
The contents of register ‘f’ are decremented.
If ‘d’ is ‘0’, the result is placed in the W register.
If ‘d’ is ‘1’, the result is placed back in register ‘f’.
If the result is ‘1’, the next instruction is executed.
If the result is ‘0’, then a NOP is executed instead,
making it a two-cycle instruction.
GOTO
Unconditional Branch
Syntax:
[ label ] GOTO k
Operands:
0 ≤ k ≤ 2047
Operation:
k → PC[10:0]
PCLATH[6:3] → PC[14:11]
Status Affected:
None
Description:
GOTO is an unconditional branch.
The 11-bit immediate value is loaded into PC bits [10:0].
The upper bits of PC are loaded from PCLATH[4:3].
GOTO is a two-cycle instruction.
INCF
Increment f
Syntax:
[ label ] INCF f, d
Operands:
0 ≤ f ≤ 127
d
∈ [0,1]
Operation:
(f) + 1 → dest
Status Affected:
Z
Description:
The contents of register ‘f’ are incremented.
If ‘d’ is ‘0’, the result is placed in the W register.
If ‘d’ is ‘1’, the result is placed back in register ‘f’.
INCFSZ
Increment f, Skip If 0
Syntax:
[ label ] INCFSZ f, d
PIC16F15213/14/23/24/43/44
Instruction Set Summary
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com