Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 352 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 352 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 348Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 349Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 350Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 351Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 352Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 353Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 354Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 355Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 356Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 439 page
background image
Example:
CALL TABLE
; W contains table
; offset value
; W now has
; table value
:
TABLE
ADDWF PC
; W = offset
RETLW k1
; Begin table
RETLW k2
;
:
:
RETLW kn
; End of table
Before Instruction
W = 07h
After Instruction
W = value of k8
RETURN
Return from Subroutine
Syntax:
[ label ] RETURN
Operands:
None
Operation:
(TOS) → PC,
Status Affected:
None
Encoding:
0000
0000
0001
001s
Description:
Return from subroutine.
The stack is POPped and the top of the stack (TOS) is loaded into the Program Counter.
This is a two-cycle instruction.
RLF
Rotate Left f through Carry
Syntax:
[ label ] RLF f, d
Operands:
0 ≤ f ≤ 127
d
∈ [0,1]
Operation:
(f[n]) → dest[n + 1],
(f[7]) → C,
(C) → dest[0]
Status Affected:
C
Encoding:
0011
01da
ffff
ffff
Description:
The contents of register ‘f’ are rotated one bit to the left through the Carry flag.
If ‘d’ is ‘0’, the result is placed in W.
If ‘d’ is ‘1’, the result is stored back in register ‘f’ (default).
C
register f
Words:
1
Cycles:
1
PIC16F15213/14/23/24/43/44
Instruction Set Summary
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com