Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 356 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 356 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 352Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 353Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 354Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 355Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 356Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 357Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 358Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 359Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 360Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 439 page
background image
30.
ICSP™ - In-Circuit Serial Programming™
ICSP programming allows customers to manufacture circuit boards with unprogrammed devices. Programming can
be done after the assembly process, allowing the device to be programmed with the most recent firmware or a
custom firmware. Five pins are needed for ICSP programming:
• ICSPCLK
• ICSPDAT
• MCLR/VPP
• VDD
• VSS
In Program/Verify mode, the program memory, User IDs and the Configuration bits are programmed through serial
communications. The ICSPDAT pin is a bidirectional I/O used for transferring the serial data and the ICSPCLK pin is
the clock input. For more information on ICSP, refer to the “Family Programming Specification”.
30.1
High-Voltage Programming Entry Mode
The device is placed into High-Voltage Programming Entry mode by holding the ICSPCLK and ICSPDAT pins low,
then raising the voltage on MCLR/VPP to VIH.
30.2
Low-Voltage Programming Entry Mode
The Low-Voltage Programming Entry mode allows the PIC
® Flash MCUs to be programmed using VDD only, without
high voltage. When the LVP Configuration bit is set to ‘1’, the low-voltage ICSP programming entry is enabled. To
disable the Low-Voltage ICSP mode, the LVP bit must be programmed to ‘0’.
Entry into the Low-Voltage Programming Entry mode requires the following steps:
1.
MCLR is brought to VIL.
2.
A 32-bit key sequence is presented on ICSPDAT, while clocking ICSPCLK.
Once the key sequence is complete, MCLR must be held at VIL for as long as Program/Verify mode is to be
maintained.
If low-voltage programming is enabled (LVP = 1), the MCLR Reset function is automatically enabled and cannot be
disabled. See the MCLR section for more information.
The LVP bit can only be reprogrammed to ‘0’ by using the High-Voltage Programming mode.
30.3
Common Programming Interfaces
Connection to a target device is typically done through an ICSP header. A commonly found connector on
development tools is the RJ-11 in the 6P6C (6-pin, 6-connector) configuration. See Figure 30-1.
PIC16F15213/14/23/24/43/44
ICSP™ - In-Circuit Serial Programming™
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com