Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 139 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 139 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 135Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 136Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 137Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 138Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 139Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 140Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 141Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 142Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 143Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 439 page
background image
16.14.9 RxyI2C
Name: 
RxyI2C
I2C Pad Rxy Control Register
Bit
7
6
5
4
3
2
1
0
SLEW
PU[1:0]
TH[1:0]
Access
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
Bit 6 – SLEW  I2C Specific Slew Rate Limiting Control
Value
Description
1
I2C specific slew rate limiting is enabled. Standard pad slew limiting is disabled. The SLRxy bit is
ignored
0
Standard GPIO Slew Rate; enabled/disabled via SLRxy bit
Bits 5:4 – PU[1:0]  I2C Pull-Up Selection
Value
Description
11
Reserved
10
10x current of standard weak pull-up
01
2x current of standard weak pull-up
00
Standard GPIO weak pull-up, enabled via the WPUxy bit
Bits 1:0 – TH[1:0]  I2C Input Threshold Selection
Value
Description
11
Reserved
10
SMBus 2.0 (2.1V) input threshold
01
I2C-specific input thresholds
00
Standard GPIO Input pull-up, enabled via the INLVLxy registers
Important: 
• Refer to the “Pin Allocation Table” for details about pin availability per port
• Unimplemented bits will read back as ‘0’
PIC16F15213/14/23/24/43/44
I/O Ports
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com