Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 142 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 142 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 138Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 139Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 140Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 141Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 142Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 143Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 144Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 145Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 439 page
background image
17.3
Individual Pin Configuration
A rising edge detector and a falling edge detector are present for each PORT pin. To enable a pin to detect a rising
edge, the associated bit of the IOCxP register must be set. To enable a pin to detect a falling edge, the associated bit
of the IOCxN register must be set. A PORT pin can be configured to detect rising and falling edges simultaneously by
setting both associated bits of the IOCxP and IOCxN registers, respectively.
17.4
Interrupt Flags
The bits located in the IOCxF registers are status flags that correspond to the interrupt-on-change pins of each port.
If an expected edge is detected on an appropriately enabled pin, then the status flag for that pin will be set, and
an interrupt will be generated if the IOCIE bit is set. The IOCIF bit located in the corresponding Peripheral Interrupt
Request (PIRx) register, is all the IOCxF bits ORd together. The IOCIF bit is read-only. All of the IOCxF Status bits
must be cleared to clear the IOCIF bit.
17.5
Clearing Interrupt Flags
The individual status flags (IOCxF register bits) will be cleared by resetting them to zero. If another edge is detected
during this clearing operation, the associated status flag will be set at the end of the sequence, regardless of the
value actually being written.
To ensure that no detected edge is lost while clearing flags, only AND operations masking out known changed bits
must be performed. The following sequence is an example of clearing an IOC interrupt flag using this method.
Example 17-1. Clearing Interrupt Flags (PORTA Example)
MOVLW
0xff
XORWF
IOCAF, W
ANDWF
IOCAF, F
17.6
Operation in Sleep
An interrupt-on-change event will wake the device from Sleep mode, if the IOCIE bit is set. If an edge is detected
while in Sleep mode, the IOCxF register will be updated prior to the first instruction executed out of Sleep.
17.7
Register Definitions: Interrupt-on-Change Control
PIC16F15213/14/23/24/43/44
IOC - Interrupt-on-Change
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com