Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 156 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 156 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 152Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 153Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 154Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 155Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 156Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 157Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 158Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 159Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 160Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 439 page
background image
19.1.1
8-Bit Mode
In this mode, Timer0 increments on the rising edge of the selected clock source. A prescaler on the clock input gives
several prescale options (see the prescaler control bits, CKPS). In this mode, as shown in Figure 19-1, a buffered
version of TMR0H is maintained.
This is compared with the value of TMR0L on each cycle of the selected clock source. When the two values match,
the following events occur:
• TMR0L is reset
• The contents of TMR0H are copied to the TMR0H buffer for next comparison
19.1.2
16-Bit Mode
In this mode, Timer0 increments on the rising edge of the selected clock source. A prescaler on the clock input gives
several prescale options (see the prescaler control bits, CKPS). In this mode, TMR0H:TMR0L form the 16-bit timer
value. As shown in Figure 19-1, reads and writes of the TMR0H register are buffered. The TMR0H register is updated
with the contents of the high byte of Timer0 when the TMR0L register is read. Similarly, writing the TMR0L register
causes a transfer of the TMR0H register value to the Timer0 high byte.
This buffering allows all 16 bits of Timer0 to be read and written at the same time. Timer0 rolls over to 0x0000 on
incrementing past 0xFFFF. This makes the timer free-running. While actively operating in 16-bit mode, the Timer0
value can be read but not written.
19.2
Clock Selection
Timer0 has several options for clock source selections, the option to operate synchronously/asynchronously and an
available programmable prescaler. The CS bits are used to select the clock source for Timer0.
19.2.1
Synchronous Mode
When the ASYNC bit is clear, Timer0 clock is synchronized to the system clock (FOSC/4). When operating in
Synchronous mode, Timer0 clock frequency cannot exceed FOSC/4. During Sleep mode, the system clock is not
available and Timer0 cannot operate.
19.2.2
Asynchronous Mode
When the ASYNC bit is set, Timer0 increments with each rising edge of the input source (or output of the prescaler,
if used). Asynchronous mode allows Timer0 to continue operation during Sleep mode provided the selected clock
source operates during Sleep.
19.2.3
Programmable Prescaler
Timer0 has 16 programmable input prescaler options ranging from 1:1 to 1:32768. The prescaler values are selected
using the CKPS bits. The prescaler counter is not directly readable or writable. The prescaler counter is cleared on
the following events:
• A write to the TMR0L register
• A write to either the T0CON0 or T0CON1 registers
• Any device Reset
19.2.4
Programmable Postscaler
Timer0 has 16 programmable output postscaler options ranging from 1:1 to 1:16. The postscaler values are selected
using the OUTPS bits. The postscaler divides the output of Timer0 by the selected ratio. The postscaler counter is not
directly readable or writable. The postscaler counter is cleared on the following events:
• A write to the TMR0L register
• A write to either the T0CON0 or T0CON1 registers
• Any device Reset
PIC16F15213/14/23/24/43/44
TMR0 - Timer0 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com