Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F15213T-I/ST Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC16F15213T-I/ST
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213T-I/ST Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC16F15213T-I/ST Datasheet HTML 153Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 154Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 155Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 156Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 157Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 158Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 159Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 160Page - Microchip Technology PIC16F15213T-I/ST Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 439 page
background image
19.3
Timer0 Output and Interrupt
19.3.1
Timer0 Output
TMR0_out toggles on every match between TMR0L and TMR0H in 8-bit mode, or when TMR0H:TMR0L rolls over
in 16-bit mode. If the output postscaler is used, the output is scaled by the ratio selected. The Timer0 output can
be routed to an I/O pin via the RxyPPS output selection register, or internally to a number of Core Independent
Peripherals. The Timer0 output can be monitored through software via the OUT output bit.
19.3.2
Timer0 Interrupt
The Timer0 Interrupt Flag (TMR0IF) bit is set when the TMR0_out toggles. If the Timer0 interrupt is enabled
(TMR0IE), the CPU will be interrupted when the TMR0IF bit is set. When the postscaler bits (T0OUTPS) are set to
1:1 operation (no division), the T0IF flag bit will be set with every TMR0 match or rollover. In general, the TMR0IF flag
bit will be set every T0OUTPS +1 matches or rollovers.
19.3.3
Timer0 Example
Timer0 Configuration:
• Timer0 mode = 16-bit
• Clock Source = FOSC/4 (250 kHz)
• Synchronous operation
• Prescaler = 1:1
• Postscaler = 1:2 (T0OUTPS = 1)
In this case, the TMR0_out toggles every two rollovers of TMR0H:TMR0L.
i.e., (0xFFFF)*2*(1/250 kHz) = 524.28 ms
19.4
Operation During Sleep
When operating synchronously, Timer0 will halt when the device enters Sleep mode. When operating asynchronously
and the selected clock source is active, Timer0 will continue to increment and wake the device from Sleep mode if the
Timer0 interrupt is enabled.
19.5
Register Definitions: Timer0 Control
PIC16F15213/14/23/24/43/44
TMR0 - Timer0 Module
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com