Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705V8GRS/D Datasheet(PDF) 132 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 128Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 129Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 130Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 131Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 132Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 133Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 134Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 135Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 172 page
background image
SECTION 15: MESSAGE DATA LINK CONTROLLER
Page 121
MC68HC705V8 Specification Rev. 2.1
15.5.3
J1850 VPW SYMBOLS
Variable Pulse Width Modulation (VPW) is an encoding technique in which each bit is
defined by the time between successive transitions, and by the level of the bus between
transitions, active or passive. Active and passive bits are used alternately.
Each logic one or logic zero contains a single transition, and can be at either the active or
passive level and one of two lengths, either 64
µs or 128 µs (T
NOM at 10.4kbps baud rate),
depending upon the encoding of the previous bit. The SOF, EOD, EOF and IFS symbols
will always be encoded at an assigned level and length. See Figure 15-11.
Each message will begin with an SOF symbol, an active symbol, and therefore each data
byte (including the CRC byte) will begin with a passive bit, regardless of whether it is a logic
one or a logic zero.
All VPW bit lengths stated in the following descriptions are typical values at a 10.4 kbps bit
rate.
128
µs
Active
Passive
64
µs
OR
Logic "0"
128
µs
Active
Passive
64
µs
OR
Logic "1"
200
µs
Active
Passive
Start of Frame
200
µs
End of Data
280
µs
Active
Passive
End of Frame
≥ 280 µs
Break
(a)
(b)
(c)
(d)
(e)
(f)
Figure 15-11:
J1850 VPW Symbols
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com