Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC705V8GRS/D Datasheet(PDF) 70 Page - NXP Semiconductors

Part # HC705V8GRS/D
Description  The Motorola MC68HC705V8 microcontroller is a custom HC05 based MCU featuring a Message Data Link Controller (MDLC) module and on-chip power regulation.
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705V8GRS/D Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button HC705V8GRS/D Datasheet HTML 66Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 71Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705V8GRS/D Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 172 page
background image
SECTION 7: POWER SUPPLY AND REGULATION
Page 59
MC68HC705V8 Specification Rev. 2.1
7.5
POWER SUPPLY CONFIGURATION
The recommended decoupling and interconnection of the various power supply pins is shown in
Figure 7-6. Note that this diagram does not reflect actual pin location or order.
Figure 7-6:
MC68HC705V8 On-chip Power Supply Configuration
7.5.1
DECOUPLING RECOMMENDATIONS
To provide effective decoupling and to reduce radiated RF emissions, the small decoupling
capacitors must be located as close to the supply pins as possible. The self-inductance of these
capacitors and the parasitic inductance and capacitance of the interconnecting traces determines
the self-resonant frequency of the decoupling network. Too low a frequency will reduce
decoupling effectiveness and could increase radiated RF emissions from the system. A low value
capacitor (470 pF to 0.01 uF) placed in parallel with the other capacitors will improve the
Primary
Internal (digital)
VBATT
VDD
VSS
VDD
0.1uF
0.1uF
10 uF
VSSA1
VSSA2
VCCA
A/D Converter
MDLC Analog
0.1uF
0.1uF
Single Point
Ground
>= Min VBATT
VIGN
5v regulator
VIGN
Logic
ENABLE
Secondary
Regulator
VIGN Supply
EPROM
VDD and VCC
Required for
Regulator
stability
Note: The 10 uF capacitor should be placed on the VDD pin closest to the VIGN pin.
Ignition
VBATT
C*
R*
* RC values should be chosen to provide a VIGN voltage of <= 0.4*VBATT once VBATT
reaches minimum level.
VSS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com