Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1944T-E/J6CX. Datasheet(PDF) 19 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 19 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 15Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 16Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 17Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 18Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 19Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 20Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 21Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 22Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 19
PAC194X
3.7
Enable Pin (PWRDN)
Power-down input pin for the device, active-low.
3.8
SLOW/ALERT1
In default mode, if this pin is forced high, the sampling
rate is forced to 8 SPS. When it is forced low, the sam-
pling rate is 1024 SPS, unless a different sample rate
has been programmed. This pin may be programmed
to act as the ALERT1 pin. In ALERT mode, the pin
needs a pull-up resistor to VDD. In GPIO mode, the
default is an input but it can be configured as an output
(open-drain).
3.9
GPIO/ALERT2
In default mode, this pin is a GPIO input pin. It can be
configured to be an output pin, as well as the ALERT2
function. This pin is an open-drain configuration and
needs a pull-up resistor to VDD.
3.10
Exposed Thermal Pad Pin (EP)
The Exposed Pad is not electrically connected. It is
recommended that you connect it to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com