Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1944T-E/J6CX. Datasheet(PDF) 26 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 26 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 22Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 23Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 24Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 25Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 26Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 27Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 28Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 29Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
PAC194X
DS20006543A-page 26
 2021 Microchip Technology Inc.
EQUATION 5-4:
SENSE CURRENT
5.11
FSR/2 RANGES
The PAC194X has a mode called FSR/2. In this mode,
the FSR may be reduced by a factor of two for VSENSE
and/or VBUS. This mode is programmable on a chan-
nel by channel basis, for VSENSE and/or VBUS for each
channel. Because of the way the ADC’s 17-bit bipolar
results are manipulated, in Bipolar/Bidirectional
modes, the 16-bit resolution is maintained in FSR/2
and the graphs provided are valid for this mode.
The modes can be enabled for VSENSE and/or VBUS by
setting bits in Register 7-19.
ISENSE FSC
VSENSE
Denominator
-----------------------------------
=
Where:
ISENSE = Actual bus current
FSC = Full-Scale Current value (from
Equation 5-3)
VSENSE = The value read from the
VSENSE results registers
Denominator =216 for unipolar measurements
=216 for FSR/2 measurements
=215 for bipolar measurements
TABLE 5-1:
FSR/2 RANGES – VBUS
VBUS Range
PAC194X, FSR = 9V, FSR/2 = 4.5V
Denominator for Equation 5-1
Unipolar 0-FSR
0.137 mV/LSB
216
Bipolar +/-FSR
0.2745 mV/LSB
215
Bipolar +/- FSR/2
0.137 mV/LSB
216
TABLE 5-2:
FSR/2 RANGES – VSENSE
VSENSE Range
PAC194X, FSR = 100 mV,
FSR/2 = 50 mV
Denominator for Equation 5-4
Unipolar 0-FSR
1.5 µV/LSB
216
Bipolar +/-FSR
3.05 µV/LSB
215
Bipolar +/- FSR/2
1.5 µV/LSB
216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com