Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1944T-E/J6CX. Datasheet(PDF) 24 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 24 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 20Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 21Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 22Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 23Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 24Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 25Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 26Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 27Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 96 page
background image
PAC194X
DS20006543A-page 24
 2021 Microchip Technology Inc.
5.4
REFRESH_V Command
If the user wants to read VSENSE and VBUS results, the
most recent Power calculation and/or the accumulator
values and count without resetting the accumulators,
the REFRESH_V command may be sent. Sending the
REFRESH_V command and waiting 1 ms ensure that
the VSENSE, VBUS, Power, accumulator and accumula-
tor count values will be stable when read by the host.
The sampling of the inputs, data conversion and
power integration are not interrupted and will continue
as determined by the settings in the Control register.
The data in these readable registers will remain stable
until the next REFRESH or REFRESH_V/G command.
The internal accumulator values and accumulator
count are unaffected by the REFRESH_V command.
Note that the REFRESH_V/G command may also be
used to activate changes to the Control register, just
like the REFRESH command, except with the
REFRESH_V command, changes to the Control regis-
ter will be enacted without resetting the accumulators
or accumulator count (see Register 7-13).
5.5
Sleep State
The Sleep state is a lower power state than the Active
state. While in this state, the device will draw a supply
current of ISLEEP from the VDD pin. The device auto-
matically goes to this state between conversion cycles
when sampling rates lower than 1,024 SPS are
selected or if fewer than four channels are active. All
digital states and data are retained in Sleep state. The
device can be put in Sleep state by writing to
Register 7-2,
followed
by
a
REFRESH
or
REFRESH_V command, and sampling will resume
when a sampling mode is selected in this register, fol-
lowed by a REFRESH of REFRESH_V command. The
device does not go into Sleep state based on any
other condition such as static conditions on the SMBus
pins. If the SMBus time-out is enabled, it is supported
in Sleep mode or Active mode.
5.6
Power-Down State
The Power-Down state is entered only by pulling the
PWRDN pin low. In this state, all circuits on the chip
including the SMBus pins are inactive and the device
is in a state of minimum power dissipation.
In the Power-Down state, no data are retained in the
chip (neither register configuration nor measurement
data). When the PWRDN pin is pulled high,
integration, measurement and accumulation will
resume using the default register settings. The first
measurement data may be requested by a REFRESH
or REFRESH_V command 50 ms after the PWRDN
pin is pulled high.
There is a bit called POR in Register 7-10 that is set to
‘1’ on POR. This bit may be used to detect that a POR
has occurred as follows:
1.
After the initial POR, clear this bit.
2.
Poll the register to see if the bit is still cleared.
3.
If the bit is set when polled, a POR has occurred
and the device needs to be reprogrammed
(unless
operating
it
with
the
default
programming for all registers).
5.7
Slow Sampling State and ALERT1
If the SLOW/ALERT1 pin is pulled high, the device will
sample at 8 SPS. No matter the programmed sample
rate, this new SLOW sample rate takes effect on the
next conversion cycle (if a round robin conversion
cycle is in process when the SLOW pin goes high, that
conversion cycle will complete before the SLOW
sample rate takes effect).
The SLOW pin can function as the ALERT1 pin
instead of the conversion rate control described
above. See Section 5.16, "ALERT Functionality" for
a complete discussion on the ALERT functionality,
including the ALERT2 pin. If this ALERT1 functionality
for the SLOW pin is enabled, the pin can no longer be
used to control the conversion rate. If a pull-up resistor
is attached to the SLOW/ALERT1 pin for the ALERT1
functionality, the device will power-up in Slow mode
because of being pulled up at power-up. Once the
ALERT1 functionality is assigned to the pin (see
Register 7-2), conversion will proceed at the default or
programmed rate.
The SLOW pin functionality and the ALERT1
functionality cannot be used at the same time on this
pin.
If the SLOW pin is configured to serve as an ALERT
pin, the slower sampling rate of 8 SPS is available by
programming Register 7-2.
If the device is programmed for Single-Shot mode and
the SLOW pin is asserted, the first sampling will begin
approximately 1 ms after the SLOW pin is asserted to
allow for the analog circuitry to power up. If the device
is in the Sleep state, asserting the SLOW pin will not
cause sampling to start.
Note:
In Burst/Fast modes with one or more
channels disabled, the 1 ms REFRESH
delay will be 200 µs per channel, with an
additional 200 µs delay in Fast mode for
the calibration channel. The internal
accumulator values and accumulator
count are reset by the REFRESH
command, but the sampling of the inputs,
data conversion and power integration are
not
interrupted
and
continue
as
determined by the settings in the Control
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com