Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1944T-E/J6CX. Datasheet(PDF) 54 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 54 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 50Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 51Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 52Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 53Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 54Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 55Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 56Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 57Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
PAC194X
DS20006543A-page 54
 2021 Microchip Technology Inc.
REGISTER 7-14:
SLOW (20H) REGISTER
R-0
R-0
R-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
SLOW
SLOW_LH
SLOW_HL
R_RISE
R_V_RISE
R_FALL
R_V_FALL
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
This register tracks the state of the SLOW pin, tracks transitions on the SLOW pin and controls the type of limited
REFRESH command (if any) that will occur on a SLOW pin transition. This allows software to monitor the state of the
SLOW pin and its transitions over the I2C even though the SLOW pin is asynchronous to the I2C pins and may have
a different controller. As such, no REFRESH or REFRESH_V command is required to activate new written values or
to update readable values. On a transition of the SLOW pin, a limited REFRESH function may be executed if bits 1-4
are set. These limited REFRESH and REFRESH_V functions update all of the readable results registers. The limited
REFRESH does not update the CTRL_LAT, NEG_PWR_FSR_LAT or the ACCUM_CONFIG_LAT registers. For the
limited REFRESH function only, it also resets the accumulators and accumulator count. These are called limited
REFRESH and limited REFRESH_V functions because there is no activation of any pending changes to the control
registers. If limited REFRESH and limited REFRESH_V are both enabled for a certain SLOW pin transition,
REFRESH will be executed (REFRESH wins over REFRESH_V).
bit 7
SLOW:
0 = SLOW pin, the current status is not active
1 = SLOW pin, the current status is active
bit 6
SLOW_LH:
0 = The SLOW pin has not transitioned low to high since the last REFRESH command
1 = The SLOW pin has transitioned low to high since the last REFRESH command
The bit is reset to ‘0’ by a REFRESH or REFRESH_G command.
bit 5
SLOW_HL:
0 = The SLOW pin has not transitioned high to low since the last REFRESH command
1 = The SLOW pin has transitioned high to low since the last REFRESH command
The bit is reset to ‘0’ by a REFRESH or REFRESH_G command.
bit 4
R_RISE:
0 = Disables limited REFRESH function to take place on the rising edge of the SLOW pin
1 = Enables limited REFRESH function to take place on the rising edge of the SLOW pin
The bit is not reset automatically, it must be written to be changed.
bit 3
R_V_RISE:
0 = Disables limited REFRESH_V function to take place on the rising edge of the SLOW pin
1 = Enables limited REFRESH_V function to take place on the rising edge of the SLOW pin
The bit is not reset automatically, it must be written to be changed.
bit 2
R_FALL:
0 = Disables limited REFRESH function to take place on the falling edge of the SLOW pin
1 = Enables limited REFRESH function to take place on the falling edge of the SLOW pin
The bit is not reset automatically, it must be written to be changed.
bit 1
R_V_FALL:
0 = Disables limited REFRESH_V function to take place on the falling edge of the SLOW pin
1 = Enables limited REFRESH_V function to take place on the falling edge of the SLOW pin
The bit is not reset automatically, it must be written to be changed.
bit 0
Unimplemented, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com