Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1944T-E/J6CX. Datasheet(PDF) 93 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 93 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 88Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 89Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 90Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 91Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 92Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 93Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 94Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 95Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 96Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 95
PAC194X
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
X
/XXX
Tape and
Temperature
Device
Device:
PAC194X: Single/Multi-Channel Power Monitor with
Accumulator (9V)
Tape and Reel:
T
= Tape and Reel
Device Option
1(2)
= High-Side Power Monitor
2(2)
= Low-Side Power Monitor
Temperature
Range:
E
= -40°C to +125°C (Extended)
Package:
4MX
= 16-Lead Very Thin Quad Flat, No Lead Package,
3 mm x 3 mm (VQFN)
J6CX
= 16-Ball Wafer Level Chip Scale Package,
2.225 mm x 2.17 mm (WLCSP)
Reel
Range
Package
Example:
a) PAC1941T-1E/4MX: 16-lead 3 mm x 3 mm VQFN,
Single-Channel, High-Side Power,
Extended Temperature,
Shipped in 120-piece, Tape and Reel
b) PAC1944T-E/4MX: 16-lead 3 mm x 3 mm VQFN,
Four-Channel, High-Side Power,
Extended Temperature,
Shipped in 3300-piece, Tape and Reel
c) PAC1942T-2E/J6CX:16-lead 2.225 mm x 2.17 mm WLCSP,
Dual-Channel, Low-Side Power,
Extended Temperature,
Shipped in 5.000-piece, Tape and Reel
d) PAC1943T-E/J6CX: 16-lead 2.225 mm x 2.17 mm WLCSP,
Three-Channel, High-Side Power,
Extended Temperature,
Shipped in 5.000-piece, Tape and Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
2:
Only appears on single and dual-channel
devices. Other devices are high-side power only.
-X
Device
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com