Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1944T-E/J6CX. Datasheet(PDF) 42 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 42 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 38Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 39Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 40Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 41Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 42Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 43Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 44Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 45Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
PAC194X
DS20006543A-page 42
 2021 Microchip Technology Inc.
VSENSEN_AVG (13H-16H) Register
Rolling average of the eight most recent
VSENSE1 measurements
Block
Read
2
Note 1
Rolling average of the eight most recent
VSENSE2 measurements
Block
Read
2
Note 1
Rolling average of the eight most recent
VSENSE3 measurements
Block
Read
2
Note 1
Rolling average of the eight most recent
VSENSE4 measurements
Block
Read
2
Note 1
VPOWERN (17H-1AH) Register
VSENSE x VBUS for Channel 1
Block
Read
4
Note 1
VSENSE x VBUS for Channel 2
Block
Read
4
Note 1
VSENSE x VBUS for Channel 3
Block
Read
4
Note 1
VSENSE x VBUS for Channel 4
Block
Read
4
Note 1
SMBUS SETTINGS (1CH) Register
Activate SMBus functionality, I/O data for
R/W on I/O pins
R/W
1
10h
NEG_PWR_FSR (1DH) Register
Configuration control for bidirectional
current
R/W
2
0000h
REFRESH_G (1EH) Register
REFRESH response to General Call
Address
SEND
0
N/A
REFRESH_V (1FH) Register
Refreshes VBUS and VSENSE data only, no
accumulator reset
SEND
0
N/A
SLOW (20H) Register
Status and control for SLOW pin functions
R/W
1
00h
CTRL_ACT (21H) Register
Currently active value of 01h
R
2
0700h
NEG_PWR_FSR_ACT (22H) Register
Currently active value of NEG_PWR
R
2
0000h
CTRL_LAT (23H) Register
Latched active value of 01h
R
2
0700h
NEG_PWR_FSR _LAT (24H) Register
Latched active value of NEG_PWR
R
2
0000h
ACCUM CONFIG (25H) Register
Enable VSENSE and VBUS accumulation
R/W
1
00h
ALERT STATUS (26H) Register
Reads to see what triggered the ALERT
RC
3
000000h
SLOW_ALERT1 (27H) Register
Assigns specific ALERT to
ALERTn/SLOW
RW
3
000000h
GPIO_ALERT2 (28H) Register
Assigns specific ALERT to ALERTn/I/O
R/W
3
000000h
ACC FULLNESS LIMITS (29H) Register
ACC and ACC Count Fullness limits
R/W
2
5540h
OC LIMITN (30H-33H) Register
OC limit for Channel 1
R/W
2
0000h
OC limit for Channel 2
R/W
2
0000h
OC limit for Channel 3
R/W
2
0000h
OC limit for Channel 4
R/W
2
0000h
TABLE 7-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register Name
Description
Type
Bytes
POR
Value
Note 1: All the results registers, 03H-1Ah, have a POR value that is all zeros: 2 bytes → 0000h; 3 bytes →
000000h; 4 bytes → 00000000h; 7 bytes → 00000000000000h.
2: Register 01h has different default values for different devices, see Register 7-2.
3: Register FDh has different values depending on which member of the product family is selected. See
Register 7-37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com