Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1944T-E/J6CX. Datasheet(PDF) 44 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 44 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 40Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 41Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 42Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 43Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 44Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 45Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 46Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 47Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
PAC194X
DS20006543A-page 44
 2021 Microchip Technology Inc.
7.1
Reading Data Bytes
Data represented by the data registers are ensured to
be synchronized and stable for 1 ms after any of the
REFRESH commands are sent. Immediately after the
REFRESH commands are sent, the data bytes change
dynamically until 1 ms elapses.
When new data are written to a control register and
the host reads it back, the new data are read back
even if no REFRESH command is sent to cause the
new data to take effect.
Note:
The letter N or n is used to represent 1, 2,
3, 4 in the register and bit names below, in
sections that describe registers that are
grouped for all four channels.
REGISTER 7-1:
REFRESH (ADDRESS 00H) REGISTER
SEND
No Data in this command, Send Byte only
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
This command is a Send byte, it does not contain any data. When it is sent to the device, the
REFRESH command is executed. The accumulator data, accumulator count, VBUS and VSENSE mea-
surements are all refreshed and the accumulators are reset. The host can read the accumulator data
and accumulator count 1 ms after the REFRESH command is sent and anytime after, up until the next
REFRESH command is sent. The host can read VBUS and VSENSE data in the same time period. The
accumulator results, accumulator count, VBUS and VSENSE data can be refreshed with the
REFRESH_V command without resetting the accumulators. See Section 5.2, "REFRESH Com-
mand".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com