Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1944T-E/J6CX. Datasheet(PDF) 27 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 27 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 23Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 24Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 25Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 26Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 27Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 28Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 29Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 30Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 27
PAC194X
5.12
ADC Measurements, Offset and 8X
Averaging
The PAC194X devices are primarily designed for
energy measurements where many power readings
are accumulated. This is inherently an averaging pro-
cess. Individual voltage and current measurements can
also benefit from averaging to reduce noise and offset.
Averaged values are internally calculated for VBUS and
VSENSE, with a rolling average of the most recent eight
values present in Register 7-7 and Register 7-8. The
average is updated internally after every conversion
cycle. The readable registers are updated with
REFRESH, REFRESH_V or REFRESH_G commands
like all the other readable results registers. These aver-
aged results may be used for the most accurate, lowest
noise and lowest offset measurements.
The ADC channels use a special offset canceling
technique. If users observe the unaveraged results for
near-zero values of VBUS and VSENSE, they may
observe a cyclical pattern of offset variation. The user
may think this is noise, but in fact it is due to internal
circuitry switching through different permutations of
offset cancellation circuitry. This small variation in
unaveraged offset is canceled in the 8X averaged
result and minimized in single-sample results via the
offset calibration channel. It is also canceled in the
Power Accumulator results. The overall effect is offset
that is consistently very close to zero LSB over supply
and temperature variations.
The offset canceling technique is illustrated in
Figure 5-1. It is very difficult to accurately observe, as it
is a challenge to read the data from every conversion
cycle. The effect of capturing data points at a rate that
does not correspond exactly to the internal sampling
rate of the PAC194X can make these permutations
appear less periodic and deterministic than they are
inside the chip. The data conversion uses one of the
permute positions 1-4 for each input on each conver-
sion, cycling through all four permutations in four con-
versions. When averaged, the permute enabled result
shown below is realized, evenly distributed around
zero.
FIGURE 5-1:
Illustration of the four
permute combinations that the ADC cycles
through and the resulting low average offset.
Each bin represents one code.
Results from both the VBUS and the VSENSE ADCs are
17-bit two's complement (signed) internally. There is an
additional bit of resolution that is not accessible from the
results register. Register 7-11 determines whether the
conversion results are reported in the readable registers
as unipolar or bipolar numbers. Using bipolar numbers
can give more accurate results for very small numbers
that may actually be negative for some readings, in addi-
tion to measuring bidirectional currents (charging/dis-
charging) and voltages that can dip below ground.
Averaged values are also calculated for VBUS and
VSENSE. A rolling average of the most recent eight val-
ues is present in Register 7-7 and Register 7-8. These
registers require eight conversion cycles after POR
before they represent an accurate value, they are
updated after every conversion cycle. The readable
registers are updated with REFRESH, REFRESH_V
or REFRESH_G commands like all the other readable
results registers.
0
100
200
300
400
500
600
700
800
900
1000
Output Code
V
SENSE Input Histogram vs. Permute Offset Disabled
Permute On
Permute 1
Permute 2
Permut 3
Permute 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com