Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PAC1944T-E/J6CX. Datasheet(PDF) 23 Page - Microchip Technology

Part # PAC1944T-E/J6CX.
Description  Single/Multi-Channel Power Monitor with Accumulator, 9V Full-Scale Range
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1944T-E/J6CX. Datasheet(HTML) 23 Page - Microchip Technology

Back Button PAC1944T-E/J6CX. Datasheet HTML 19Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 20Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 21Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 22Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 23Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 24Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 25Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 26Page - Microchip Technology PAC1944T-E/J6CX. Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 96 page
background image
 2021 Microchip Technology Inc.
DS20006543A-page 23
PAC194X
5.0
DEVICE OVERVIEW
A high-voltage multiplexer connects the input pins to
the VBUS and VSENSE amplifiers. The amplifier outputs
are sampled simultaneously for each channel, con-
verted by 16-bit ADCs and processed for gain and off-
set error correction. After each conversion, VBUS and
VSENSE are multiplied together to give VPOWER.
An internal oscillator and digital control signals control
the two ADCs and the MUX. The MUX sequentially
connects each channel’s amplifiers to the ADC inputs.
The
PAC1941-1,
PAC1942-1,
PAC1943-1
and
PAC1944-1 devices share a pin for the VBUS measure-
ment and the source-side voltage VSENSE+ across an
external current sense resistor, RSENSE. This enables
four input channels with eight pins. For PAC1941-2
and PAC1942-2, the chip allows VBUS+ and VBUS- to
go to separate pins for two channels, unconnected
from the VSENSE+ and VSENSE- pins. This enables the
low-side current measurement.
5.1
Initial Operation
After Power-on Reset and a start-up sequence, the
device is in the Active state and begins sampling the
inputs sequentially. Voltage and current are sampled
for all active channels and power is calculated and
accumulated. All active channels are sampled at
1024 SPS by default. Sample rates of 256, 64 or
8 SPS may be programmed over the I2C or SMBus. If
the SLOW pin is asserted, the sample rate is 8 SPS.
For sampling rates lower than 1024 SPS, the device is
in Sleep mode for a portion of the conversion cycle,
which results in lower power dissipation. If fewer than
four channels are active, power is also reduced.
To read accumulator data and reset the accumulators,
the REFRESH command is used. To read the voltage,
current, power and accumulator data without resetting
the accumulators, the REFRESH_V command is
used. Changes to the Control register (01h) are acti-
vated by sending any REFRESH command. When a
new value is written to the Control register (01h), the
new values take effect after the current round robin
cycle (actively sampling) or before the next round
robin sampling cycle following any REFRESH
command.
5.2
REFRESH Command
The host sends the REFRESH command after
changing the Control register and/or before reading
accumulator data from the device. The host controls
the accumulation period in this manner.
The readable registers for the VBUS, VSENSE, Power,
accumulator outputs and accumulator count are
updated by the REFRESH command and the values
are static until the next REFRESH command.
These readable registers will be stable within 1 ms
from sending the REFRESH command and may be
read by the host at any time up until the next
REFRESH command is sent.
Changes written to the Control and Configuration
registers take effect within 1 ms after a REFRESH
command is sent. Any new commands written within
this 1 ms window will be ignored and NACKed to
indicate that they are ignored.
The values for VBUS and VSENSE measurement results
and Power calculation results respond to the
REFRESH command in the same fashion as the
accumulators and accumulator count. The readable
registers will be stable within 1 ms from sending the
REFRESH command and may be read by the host at
any time. The internal values continue to be updated
according to the sampling plan determined by the
settings in the Control register. The results that are
sent to the readable registers for VBUS, VSENSE and
Power are the values from the most recent complete
conversion cycle. See Register 7-1.
5.3
REFRESH_G Command
The REFRESH_G command is identical in every
respect to the REFRESH command, but it is used with
the I2C General Call address (0000 000). This allows
the system to issue a REFRESH command to all of the
PAC194X devices in the system with a single
command. After the REFRESH_G command, the data
may be read device by device to capture a snapshot of
the system power and energy for all devices (see
Register 7-12). Note that the REFRESH_G command
can also be used with a valid client address, but in this
case, only the device with this client address will
receive the command. In other words, it has the same
properties as the REFRESH command with the
possibility of being compatible with the I2C General
Call address.
Note:
In Burst/Fast modes with one or more
channels disabled, the 1 ms REFRESH
delay will be 200 µs per channel, with an
additional 200 µs delay in Fast mode for
the calibration channel. The internal accu-
mulator values and accumulator count are
reset by the REFRESH command, but the
sampling of the inputs, data conversion
and power integration are not interrupted
and continue as determined by the
settings in the Control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com