Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 65Page - STMicroelectronics STM32H7B0XB Datasheet HTML 66Page - STMicroelectronics STM32H7B0XB Datasheet HTML 67Page - STMicroelectronics STM32H7B0XB Datasheet HTML 68Page - STMicroelectronics STM32H7B0XB Datasheet HTML 69Page - STMicroelectronics STM32H7B0XB Datasheet HTML 70Page - STMicroelectronics STM32H7B0XB Datasheet HTML 71Page - STMicroelectronics STM32H7B0XB Datasheet HTML 72Page - STMicroelectronics STM32H7B0XB Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 205 page
background image
6.3.2
VCAP external capacitor
Stabilization for the embedded LDO regulator is achieved by connecting an external capacitor CEXT to the VCAPx
pin. CEXT is specified in Table 23. VCAP operating conditions. Two external capacitors must be connected to
VCAP pins (refer to Getting started with STM32H7A3/7B3 and STM32H7B0 hardware development (AN5307).
Figure 14. External capacitor CEXT
ESR
R Leak
C
1.
Legend: ESR is the equivalent series resistance.
Table 23. VCAP operating conditions
When the internal LDO voltage regulator is switched OFF, the two 2.2 µF VCAP capacitors are not required. However all VCAPx
package pins must be connected together and it is recommended to add a ceramic filtering capacitor of 100 nF as close as
possible to each VCAPx pin.
Symbol
Parameter
Conditions
CEXT
External capacitor for LDO enabled
2.2 µF(1)(2)
ESR
ESR of external capacitor
< 100 mΩ
1. This value corresponds to CEXT typical value. A variation of ±20% is tolerated.
2. If the VCAP3 pin is available (depending on the package), it must be connected to the other VCAP pins. No additional
capacitor is required.
6.3.3
SMPS step-down converter
The devices embed a high power efficiency SMPS step-down converter requiring external components. Refer
to Getting started with STM32H7A3/7B3 and STM32H7B0 hardware development (AN5307) for the required
components and tradeoffs.
Table 24. Characteristics of SMPS step-down converter external components
Symbol Parameter
Conditions
CIN
Capacitance of external capacitor on VDDSMPS
4.7 µF
ESR of external capacitor
100 mΩ
Cfilt
Capacitance of external capacitor on VLXSMPS pin
220 pF
COUT
Capacitance of external capacitor on VFBSMPS pin
10 µF
ESR of external capacitor
20 mΩ
L
Inductance of external Inductor on VLXSMPS pin
2.2 µH
-
Serial DC resistor
150 mΩ
ISAT
DC current at which the inductance drops 30% from its value without current.
1.7 A
IRMS
Average current for a 40 °C rise: rated current for which the temperature of the inductor is raised 40°C
by DC current
1.4 A
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 69/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com