Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 25 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 21Page - STMicroelectronics STM32H7B0XB Datasheet HTML 22Page - STMicroelectronics STM32H7B0XB Datasheet HTML 23Page - STMicroelectronics STM32H7B0XB Datasheet HTML 24Page - STMicroelectronics STM32H7B0XB Datasheet HTML 25Page - STMicroelectronics STM32H7B0XB Datasheet HTML 26Page - STMicroelectronics STM32H7B0XB Datasheet HTML 27Page - STMicroelectronics STM32H7B0XB Datasheet HTML 28Page - STMicroelectronics STM32H7B0XB Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 205 page
background image
•
Up to four programmable quantization tables
•
Fully programmable Huffman tables (two AC and two DC)
•
Fully programmable minimum coded unit (MCU)
•
Encode/decode support (non simultaneous)
•
Single clock Huffman coding and decoding
•
Two-channel interface: Pixel/Compress In, Pixel/Compressed Out
•
Stallable design
•
Support for single greyscale component
•
Ability to enable/disable header processing
•
Internal register interface
•
Fully synchronous design
•
Configuration for high-speed decode mode
3.31
True random number generator (RNG)
All devices embed an RNG that delivers 32-bit random numbers generated by an integrated analog circuit. The
RNG is a true random number generator that provides full entropy outputs to the application as 32-bit samples. It
is composed of a live entropy source (analog) and an internal conditioning component.
3.32
Cryptographic acceleration (CRYP and HASH)
The devices embed a cryptographic processor that supports the advanced cryptographic algorithms usually
required to ensure confidentiality, authentication, data integrity and non-repudiation when exchanging messages
with a peer:
•
Encryption/Decryption
–
DES/TDES (data encryption standard/triple data encryption standard): ECB (electronic codebook) and
CBC (cipher block chaining) chaining algorithms, 64-, 128- or 192-bit key
–
AES (advanced encryption standard): ECB, CBC, GCM, CCM, and CTR (counter mode) chaining
algorithms, 128, 192 or 256-bit key
•
Universal HASH
–
SHA-1 and SHA-2 (secure HASH algorithms)
–
MD5
–
HMAC
The cryptographic accelerator supports DMA request generation.
3.33
On-the-fly decryption engine (OTFDEC)
The embedded OTFDEC decrypts in real-time the encrypted content stored in the external Octo-SPI memories
used in Memory-mapped mode.
The OTFDEC uses the AES-128 algorithm in counter mode (CTR).
Code execution on external Octo-SPI memories can be protected against fault injection thanks to
STMicroelectronics enhanced encryption mode (refer to RM0455 for details).
The OTFDEC main features are as follow:
•
On-the-fly 128-bit decryption during STM32 Octo-SPI read operations (single or multiple).
–
AES-CTR algorithm with keystream FIFO (depth= 4)
–
Support for any read size
•
Up to four independent encrypted regions
–
Region definition granularity: 4096 bytes
–
Region configuration write locking mechanism
–
Two optional decryption modes: execute-only and execute-never
•
128-bit key for each region, two-byte firmware version, and eight-byte application-defined nonce
•
Encryption keys confidentiality and integrity protection
–
Write only registers with software locking mechanism
–
Availability of 8-bit CRC as public key information
STM32H7B0xB
True random number generator (RNG)
DS13196 - Rev 7
page 25/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com