Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 82 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 78Page - STMicroelectronics STM32H7B0XB Datasheet HTML 79Page - STMicroelectronics STM32H7B0XB Datasheet HTML 80Page - STMicroelectronics STM32H7B0XB Datasheet HTML 81Page - STMicroelectronics STM32H7B0XB Datasheet HTML 82Page - STMicroelectronics STM32H7B0XB Datasheet HTML 83Page - STMicroelectronics STM32H7B0XB Datasheet HTML 84Page - STMicroelectronics STM32H7B0XB Datasheet HTML 85Page - STMicroelectronics STM32H7B0XB Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 205 page
background image
Symbol
Parameter
Conditions
Typ
LDO
Typ
SMPS
Max(1)(2)
Unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ=
130 °C
IDD(Stop) Stop, DStop2
Flash memory in low -power
mode, memory shut-off enable
SVOS3
Main(3)
mA
0.146
0.337
0.30
1.55
2.63
5.04
SVOS3 LP
0.100
0.040
0.26
1.51
2.58
4.96
SVOS4
0.085
0.033
0.19
1.15
2.01
3.98
SVOS5
0.075
0.028
0.12
0.80
1.46
3.02
1. Guaranteed by characterization results.
2. The maximum values are given for LDO regulator ON. Refer to Section 6.3.3 SMPS step-down converterfor the SMPS maximum current
consumption.
3. The SMPS is unnecessarily ON in System Stop mode, leading to an additional consumption. It is recommended to use SVOS3 LP mode to
optimize power consumption.
Table 39. Typical current consumption RAM shutoff in Stop mode
Symbol
Parameter
Conditions
Typ LDO
Unit
SVOS3 LP SVOS4 SVOS5
∆IDD(Stop) Stop, Dstop or Dstop2
AXISRAM1 shutoff power consumption (power consumption
reduction when AXISRAM1 shutoff is enabled)
3.00
1.80
3.00
µA
AXISRAM2 shutoff power consumption (power consumption
reduction when AXISRAM2 shutoff is enabled)
4.40
2.70
4.40
AXISRAM13 shutoff power consumption (power consumption
reduction when AXISRAM3 shutoff is enabled)
4.40
2.70
4.40
AHBSRAM1 shutoff power consumption (power consumption
reduction when AHBSRAM1 shutoff is enabled)
0.90
0.50
0.70
AHBSRAM2 shutoff power consumption (power consumption
reduction when AHBSRAM2 shutoff is enabled)
0.90
0.50
0.70
ITCM and ETM shutoff power consumption (power consumption
reduction when ITCM and ETM shutoff is enabled)
1.00
0.60
0.90
GFXMMU and JPEG shutoff power consumption (power
consumption reduction when GFXMMU and JPEG shutoff is
enabled)
0.20
0.10
0.10
High-speed interface USB and FDCAN shutoff power consumption
(power consumption reduction when High-speed interface USB and
FDCAN shutoff is enabled)
0.20
0.10
0.10
SRDSRAM shutoff power consumption (power consumption
reduction when SRDSRAM shutoff is enabled)
0.30
0.30
0.40
Table 40. Typical and maximum current consumption in Standby mode
Symbol
Parameter
Conditions
Typ
Max (3.6V)(1)
Unit
Backup
SRAM
RTC &
LSE(2)
1.62
V
2.4
V(3)
3 V(3)
3.3
V(3)
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
130 °C
IDD
(Standby)
Supply current in
Standby mode,
IWDG OFF
OFF
OFF
1.97
2.76
3.02
3.30
4.0
11.0
22.0
57.0
µA
ON
OFF
2.78
3.69
4.02
4.40
5.4
13.0
25.0
64.0
OFF
ON
2.46
3.37
3.73
4.07
5.0
12.2
23.3
59.0
ON
ON
3.27
4.30
4.73
5.17
6.4
14.2
26.3
66.0
1. Guaranteed by characterization results.
2. The LSE clock is in low-drive mode.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 82/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com