Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 95 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 91Page - STMicroelectronics STM32H7B0XB Datasheet HTML 92Page - STMicroelectronics STM32H7B0XB Datasheet HTML 93Page - STMicroelectronics STM32H7B0XB Datasheet HTML 94Page - STMicroelectronics STM32H7B0XB Datasheet HTML 95Page - STMicroelectronics STM32H7B0XB Datasheet HTML 96Page - STMicroelectronics STM32H7B0XB Datasheet HTML 97Page - STMicroelectronics STM32H7B0XB Datasheet HTML 98Page - STMicroelectronics STM32H7B0XB Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 205 page
background image
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1) Unit
∆VDD(CSI)
CSI oscillator frequency drift over VDD
VDD = 1.62 to 3.6 V
−0.06
-
0.06
%
tsu(CSI)
CSI oscillator startup time
-
-
1
2
µs
tstab(CSI)
CSI oscillator stabilization time (to reach ± 3 % of
fCSI)
-
-
-
4
cycle
IDD(CSI)
CSI oscillator power consumption
-
-
23
30
µA
1. Guaranteed by design, unless otherwise specified.
2. Calibrated during manufacturing tests.
3. Guaranteed by characterization results.
Low-speed internal (LSI) RC oscillator
Table 52. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
LSI frequency
VDD = 3.3 V, TJ = 25 °C
31,4(1)
32 32,6(1)
kHz
TJ = –40 to 110 °C, VDD = 1.62 to 3.6 V 29,76(2)
-
33,6(2)
TJ = –40 to 130 °C, VDD = 1.62 to 3.6 V 29,4(2)
-
33,6(2)
tsu(LSI)(3)
LSI oscillator startup time
-
-
80
130
µs
tstab(LSI)(3)
LSI oscillator stabilization time (5% of final
value)
-
-
120
170
IDD(LSI)(3)
LSI oscillator power consumption
-
-
130
280
nA
1. Calibrated during manufacturing tests.
2. Guaranteed by characterization results.
3. Guaranteed by design.
6.3.11
PLL characteristics
The parameters given in Table 53. PLL characteristics (wide VCO frequency range) are derived from tests
performed under temperature and VDD supply voltage conditions summarized in Table 20. General operating
conditions.
Table 53. PLL characteristics (wide VCO frequency range)
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1) Unit
fPLL_IN
PLL input clock
-
2
-
16
MHz
PLL input clock duty cycle
-
10
-
90
%
fPLL_P_OUT PLL multiplier output clock P, Q, R
VOS0
1
-
280(2)
MHz
VOS1
1
-
225(2)
VOS2
1
-
160(2)
VOS3
1
-
88(2)
fVCO_OUT PLL VCO output
-
128
-
560(3)
tLOCK
PLL lock time
Normal mode
-
45
100(3)
µs
Sigma-delta mode (fPLL_IN ≥ 8 MHz)
-
60
120(3)
Jitter
Cycle-to-cycle jitter
fVCO_OUT = 128 MHz
-
60
-
±ps
fVCO_OUT = 200 MHz
-
50
-
fVCO_OUT = 400 MHz
-
20
-
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 95/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com