Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 38Page - STMicroelectronics STM32H7B0XB Datasheet HTML 39Page - STMicroelectronics STM32H7B0XB Datasheet HTML 40Page - STMicroelectronics STM32H7B0XB Datasheet HTML 41Page - STMicroelectronics STM32H7B0XB Datasheet HTML 42Page - STMicroelectronics STM32H7B0XB Datasheet HTML 43Page - STMicroelectronics STM32H7B0XB Datasheet HTML 44Page - STMicroelectronics STM32H7B0XB Datasheet HTML 45Page - STMicroelectronics STM32H7B0XB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 205 page
background image
Pin/ball name(1) (2)
Pin name
(function after
reset)
Pin type
I/O
structure
Alternate functions
Additional functions
-
-
-
-
-
7
PI8
I/O
FT
EVENTOUT
TAMP_IN2/
TAMP_OUT3,
RTC_OUT2, WKUP4
D3
C1
2
7
7
8
PC13
I/O
FT
EVENTOUT
TAMP_IN1/
TAMP_OUT2/
TAMP_OUT3,
RTC_OUT1/RTC_TS,
WKUP3
-
C2
-
-
-
-
VSS
S
-
-
-
C1
D2
3
8
8
9
PC14-OSC32_IN
(OSC32_IN)
I/O
FT
EVENTOUT
OSC32_IN
B1
D1
4
9
9
10
PC15-
OSC32_OUT
(OSC32_OUT)
I/O
FT
EVENTOUT
OSC32_OUT
-
-
-
-
-
11
PI9
I/O
FT_h2
OCTOSPIM_P2_IO0, UART4_RX,
FDCAN1_RX, FMC_D30, LCD_VSYNC,
EVENTOUT
-
-
-
-
-
-
12
PI10
I/O
FT_h2
OCTOSPIM_P2_IO1, FMC_D31,
PSSI_D14, LCD_HSYNC, EVENTOUT
-
-
-
-
-
-
13
PI11
I/O
FT
OCTOSPIM_P2_IO2, LCD_G6,
OTG_HS_ULPI_DIR, PSSI_D15,
EVENTOUT
WKUP5
-
D10
-
-
-
14
VSS
S
-
-
-
D1
D11
-
-
-
15
VDD
S
-
-
-
E2
F2
-
-
-
-
VSSSMPS
S
-
-
-
E1
F1
-
-
-
-
VLXSMPS
S
-
-
-
F1
G1
-
-
-
-
VDDSMPS
S
-
-
-
F2
G2
-
-
-
-
VFBSMPS
S
-
-
-
F3
F4
-
-
10
16
PF0
I/O
FT_f
I2C2_SDA, OCTOSPIM_P2_IO0,
FMC_A0, EVENTOUT
-
E4
F3
-
-
11
17
PF1
I/O
FT_f
I2C2_SCL, OCTOSPIM_P2_IO1,
FMC_A1, EVENTOUT
-
F4
G3
-
-
12
18
PF2
I/O
FT_h2
I2C2_SMBA, OCTOSPIM_P2_IO2,
FMC_A2, EVENTOUT
-
E5
H4
-
-
13
19
PF3
I/O
FT_h2
OCTOSPIM_P2_IO3, FMC_A3,
EVENTOUT
-
G3
H2
-
-
14
20
PF4
I/O
FT_h2
OCTOSPIM_P2_CLK, FMC_A4,
EVENTOUT
-
F5
H3
-
-
15
21
PF5
I/O
FT_h2
OCTOSPIM_P2_NCLK, FMC_A5,
EVENTOUT
-
B7
E1
-
10
16
22
VSS
S
-
-
-
A7
E4
-
11
17
23
VDD
S
-
-
-
G4
H1
-
-
18
24
PF6
I/O
FT_h1
TIM16_CH1, SPI5_SS, SAI1_SD_B,
UART7_Rx, OCTOSPIM_P1_IO3,
EVENTOUT
-
F6
J3
-
-
19
25
PF7
I/O
FT_h1
TIM17_CH1, SPI5_SCK,
SAI1_MCLK_B, UART7_Tx,
OCTOSPIM_P1_IO2, EVENTOUT
-
H4
J2
-
-
20
26
PF8
I/O
FT_h1
TIM16_CH1N, SPI5_MISO,
SAI1_SCK_B, UART7_RTS,
TIM13_CH1, OCTOSPIM_P1_IO0,
EVENTOUT
-
STM32H7B0xB
Pin descriptions
DS13196 - Rev 7
page 42/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com