Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 87Page - STMicroelectronics STM32H7B0XB Datasheet HTML 88Page - STMicroelectronics STM32H7B0XB Datasheet HTML 89Page - STMicroelectronics STM32H7B0XB Datasheet HTML 90Page - STMicroelectronics STM32H7B0XB Datasheet HTML 91Page - STMicroelectronics STM32H7B0XB Datasheet HTML 92Page - STMicroelectronics STM32H7B0XB Datasheet HTML 93Page - STMicroelectronics STM32H7B0XB Datasheet HTML 94Page - STMicroelectronics STM32H7B0XB Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 205 page
background image
Figure 22. Low-speed external clock source AC timing diagram
OSC32 _IN
External
STM32
clock source
VLSEH
tf(LSE)
tW(LSE)
IL
90 %
10 %
T LSE
t
tr(LSE)
tW(LSE)
fLSE_ext
VLSEL
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 4 to 50 MHz crystal/ceramic resonator oscillator.
All the information given in this paragraph are based on characterization results obtained with typical external
components specified in Table 47. 4-50 MHz HSE oscillator characteristics. In the application, the resonator and
the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output
distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the
resonator characteristics (frequency, package, accuracy).
Table 47. 4-50 MHz HSE oscillator characteristics
Symbol
Parameter
Operating conditions(1)
Min(2)
Typ(2)
Max(2)
Unit
F
Oscillator frequency
-
4
-
50
MHz
RF
Feedback resistor
-
-
200
-
kΩ
IDD(HSE)
HSE current consumption
During startup(3)
-
-
4
mA
VDD=3 V, Rm=30 Ω
CL=10 pF at 4 MHz
-
0.35
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 8 MHz
-
0.40
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 16 MHz
-
0.45
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 32 MHz
-
0.65
-
VDD=3 V, Rm=30 Ω
CL=10 pF at 48 MHz
-
0.95
-
Gmcritmax
Maximum critical crystal gm
Startup
-
-
1.5
mA/V
tSU(4)
Start-up time
VDD is stabilized
-
2
-
ms
1. Resonator characteristics given by the crystal/ceramic resonator manufacturer.
2. Guaranteed by design.
3. This consumption level occurs during the first 2/3 of the tSU(HSE) startup time.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 91/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com