Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 93Page - STMicroelectronics STM32H7B0XB Datasheet HTML 94Page - STMicroelectronics STM32H7B0XB Datasheet HTML 95Page - STMicroelectronics STM32H7B0XB Datasheet HTML 96Page - STMicroelectronics STM32H7B0XB Datasheet HTML 97Page - STMicroelectronics STM32H7B0XB Datasheet HTML 98Page - STMicroelectronics STM32H7B0XB Datasheet HTML 99Page - STMicroelectronics STM32H7B0XB Datasheet HTML 100Page - STMicroelectronics STM32H7B0XB Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 205 page
background image
6.3.12
Memory characteristics
Flash memory
The characteristics are given at TJ = –40 to 130 °C unless otherwise specified.
The devices are shipped to customers with the flash memory erased.
Table 55. Flash memory characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
Supply current
Word program
-
2.5
4
mA
Sector erase
-
1.8
3
Mass erase
-
2.0
3
Table 56. Flash memory programming
Symbol
Parameter
Conditions
Min
Typ
Max(1)
Unit
tprog
Word program time
128 bits (user area)
-
-
20
µs
16 bits (OTP area)
-
-
20
tERASE8KB
Sector erase time (8 Kbytes)
-
-
-
2.2
ms
tME
Bank mass erase time
-
-
10
Vprog
Programming voltage
1.62
-
3.6
V
1. Guaranteed by characterization results.
Table 57. Flash memory endurance and data retention
Symbol
Parameter
Conditions
Value
Unit
Min(1)
NEND
Endurance
TJ = –40 to +130 °C
10
kcycles
tRET
Data retention
1 kcycle at TA = 85 °C
30
Years
-
10 kcycles at TA = 55 °C
20
1. Guaranteed by characterization results.
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 97/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com