Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 99 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 99 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 95Page - STMicroelectronics STM32H7B0XB Datasheet HTML 96Page - STMicroelectronics STM32H7B0XB Datasheet HTML 97Page - STMicroelectronics STM32H7B0XB Datasheet HTML 98Page - STMicroelectronics STM32H7B0XB Datasheet HTML 99Page - STMicroelectronics STM32H7B0XB Datasheet HTML 100Page - STMicroelectronics STM32H7B0XB Datasheet HTML 101Page - STMicroelectronics STM32H7B0XB Datasheet HTML 102Page - STMicroelectronics STM32H7B0XB Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 205 page
background image
Table 59. EMI characteristics for fHSE = 8 MHz and fHCLK = 64 MHz
Symbol Parameter
Conditions
Monitored frequency band Value
Unit
SEMI
Peak(1)
VDD = 3.6 V, TA = 25 °C, LQFP64 package, compliant with IEC 61967-2
0.1 to 30 MHz
7
dBµV
30 to 130 MHz
–1
130 MHz to 1 GHz
8
1 GHz to 2 GHz
7
Level(2)
0.1 GHz to 2 GHz
2.5
-
1. Refer to the EMI radiated test chapter of application note AN1709 "EMC design guide for STM8, STM32 and Legacy MCUs" available from
the ST website www.st.com..
2. Refer to the EMI level classification chapter of application note AN1709 "EMC design guide for STM8, STM32 and Legacy MCUs" available
from the ST website www.st.com.
6.3.14
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU) using specific measurement methods, the device is stressed in order to
determine its performance in terms of electrical sensitivity.
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse) are applied to the pins of each sample according to
each pin combination. This test conforms to the ANSI/ESDA/JEDEC JS-001 and ANSI/ESDA/JEDEC JS-002
standards.
Table 60. ESD absolute maximum ratings
Symbol
Ratings
Conditions
Packages
Class
Maximum
value
Unit
VESD(HBM)
Electrostatic discharge voltage
(human body model)
TA = +25 °C conforming to ANSI/ESDA/
JEDEC JS-001
Packages with
SMPS
1C
1000(2)
V
Packages without
SMPS
2
2000
VESD(CDM)
Electrostatic discharge voltage
(charge device model)
TA = +25 °C conforming to ANSI/ESDA/
JEDEC JS-002
All LQFP packages
C1
250
All BGA packages
C2a
500
1. Guaranteed by characterization results.
2. The electrostatic discharge is 2000 V for all pins, except VFBSMPS, for which the test fails at 2000 V and passes at 1600 V.
Static latchup
Two complementary static tests are required on six parts to assess the latchup performance:
•
A supply overvoltage is applied to each power supply pin
•
A current injection is applied to each input, output and configurable I/O pin
These tests are compliant with JESD78 IC latchup standard.
Table 61. Electrical sensitivities
Symbol
Parameter
Conditions
Class
LU
Static latchup class
TJ= +130 °C, conforming to JESD78
II level A
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 99/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com