Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 97Page - STMicroelectronics STM32H7B0XB Datasheet HTML 98Page - STMicroelectronics STM32H7B0XB Datasheet HTML 99Page - STMicroelectronics STM32H7B0XB Datasheet HTML 100Page - STMicroelectronics STM32H7B0XB Datasheet HTML 101Page - STMicroelectronics STM32H7B0XB Datasheet HTML 102Page - STMicroelectronics STM32H7B0XB Datasheet HTML 103Page - STMicroelectronics STM32H7B0XB Datasheet HTML 104Page - STMicroelectronics STM32H7B0XB Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 205 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Ilkg
FT_u I/O
Max(VDDxxx) < VIN ≤ 5.5 V (3)(4)(8)(5)
nA
-
-
5000(6)
TT_xx input leakage current
0 < VIN ≤ Max(VDDxxx)(5)
-
-
±250
VPP (BOOT0 alternate function)
0 < VIN ≤ VDDIOx
-
-
15
uA
VDDIOx < VIN ≤ 9 V
-
-
35
RPU
Weak pull-up equivalent resistor(7)
VIN = VSS
30
40
50
kΩ
RPD
Weak pull-down equivalent resistor(7)
VIN = VDD(5)
30
40
50
CIO
I/O pin capacitance
-
-
5
-
pF
1. Compliant with CMOS requirements.
2. Guaranteed by design.
3. All FT_xx IO except FT_lu and FT_u.
4. VIN must be less than Max(VDDxxx) + 3.6 V.
5. Max(VDDxxx) is the maximum value of all the I/O supplies.
6. To sustain a voltage higher than MIN(VDD, VDDA, VDD33USB) +0.3 V, the internal pull-up and pull-down resistors must be disabled.
7. The pull-up and pull-down resistors are designed with a true resistance in series with a switchable PMOS/NMOS. This PMOS/NMOS
contribution to the series resistance is minimal (~10%).
All I/Os are CMOS and TTL compliant (no software configuration required). Their characteristics cover more than
the strict CMOS-technology or TTL parameters. The coverage of these requirements for FT I/Os is shown in
Figure 25. VIL/VIH for all I/Os except BOOT0.
Figure 25. VIL/VIH for all I/Os except BOOT0
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to ±8 mA, and sink or source up to ±20 mA
(with a relaxed VOL/VOH).
In the user application, the number of I/O pins which can drive current must be limited to respect the absolute
maximum rating specified in Section 6.2 Absolute maximum ratings. In particular:
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 101/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com