Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 98Page - STMicroelectronics STM32H7B0XB Datasheet HTML 99Page - STMicroelectronics STM32H7B0XB Datasheet HTML 100Page - STMicroelectronics STM32H7B0XB Datasheet HTML 101Page - STMicroelectronics STM32H7B0XB Datasheet HTML 102Page - STMicroelectronics STM32H7B0XB Datasheet HTML 103Page - STMicroelectronics STM32H7B0XB Datasheet HTML 104Page - STMicroelectronics STM32H7B0XB Datasheet HTML 105Page - STMicroelectronics STM32H7B0XB Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 205 page
background image
•
The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run consumption of the MCU
sourced on VDD, cannot exceed the absolute maximum rating ΣIVDD (see Table 18. Current characteristics).
•
The sum of the currents sunk by all the I/Os on VSS plus the maximum Run consumption of the MCU sunk
on VSS cannot exceed the absolute maximum rating ΣIVSS (see Table 18. Current characteristics).
Output voltage levels
Unless otherwise specified, the parameters given in Table 64. Output voltage characteristics for all I/Os except
PC13, PC14, PC15 and PI8 and Table 65. Output voltage characteristics for PC13, PC14, PC15 and PI8 are
derived from tests performed under ambient temperature and VDD supply voltage conditions summarized in
Table 20. General operating conditions. All I/Os are CMOS and TTL compliant.
Table 64. Output voltage characteristics for all I/Os except PC13, PC14, PC15 and PI8
The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in Table 17. Voltage
characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins) must always respect the
absolute maximum ratings ΣIIO.
Symbol
Parameter
Conditions(1)
Min
Max Unit
VOL
Output low level voltage
CMOS port(2)
IIO=8 mA
2.7 V≤ VDD ≤3.6 V
-
0.4
V
VOH
Output high level voltage
CMOS port(2)
IIO= −8 mA
2.7 V≤ VDD ≤3.6 V
VDD−0.4
-
VOL(3)
Output low level voltage
TTL port(2)
IIO=8 mA
2.7 V≤ VDD ≤3.6 V
-
0.4
VOH(3)
Output high level voltage
TTL port(2)
IIO=-8 mA
2.7 V≤ VDD ≤3.6 V
2.4
-
VOL(3)
Output low level voltage
IIO=20 mA
2.7 V≤ VDD ≤3.6 V
-
1.3
VOH(3)
Output high level voltage
IIO=−20 mA
2.7 V≤ VDD ≤3.6 V
VDD−1.3
-
VOL(3)
Output low level voltage
IIO= 4 mA
1.62 V≤ VDD ≤3.6 V
-
0.4
VOH (3)
Output high level voltage
IIO= −4 mA 1.62 V≤VDD<3.6 V VDD−0.4
-
VOLFM+(3) Output low level voltage for an FTf I/O pin in FM+ mode
IIO= 20 mA
2.3 V≤ VDD≤3.6 V
-
0.4
IIO= 10 mA
1.62 V≤ VDD ≤3.6 V
-
0.4
1. The IIO current sourced or sunk by the device must always respect the absolute maximum rating specified in
Table 17. Voltage characteristics, and the sum of the currents sourced or sunk by all the I/Os (I/O ports and control pins)
must always respect the absolute maximum ratings ΣIIO.
2. TTL and CMOS outputs are compatible with JEDEC standards JESD36 and JESD52.
3. Guaranteed by design.
Table 65. Output voltage characteristics for PC13, PC14, PC15 and PI8
Symbol
Parameter
Conditions(1)
Min
Max
Unit
VOL
Output low level voltage
CMOS port(2) IIO=3 mA, 2.7 V≤ VDD ≤ 3.6 V
-
0.4
V
VOH
Output high level voltage
CMOS port(2) IIO= −3 mA, 2.7 V≤ VDD ≤ 3.6 V
VDD−0.4
-
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 102/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com