Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 88Page - STMicroelectronics STM32H7B0XB Datasheet HTML 89Page - STMicroelectronics STM32H7B0XB Datasheet HTML 90Page - STMicroelectronics STM32H7B0XB Datasheet HTML 91Page - STMicroelectronics STM32H7B0XB Datasheet HTML 92Page - STMicroelectronics STM32H7B0XB Datasheet HTML 93Page - STMicroelectronics STM32H7B0XB Datasheet HTML 94Page - STMicroelectronics STM32H7B0XB Datasheet HTML 95Page - STMicroelectronics STM32H7B0XB Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 205 page
background image
4. tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 8 MHz oscillation is reached. This value is
measured for a standard crystal resonator and it can vary significantly with the crystal manufacturer.
For CL1 and CL2, it is recommended to use high-quality external ceramic capacitors in the 5 pF to 25 pF range
(typical), designed for high-frequency applications, and selected to match the requirements of the crystal or
resonator (see Figure 23. Typical application with an 8 MHz crystal). CL1 and CL2 are usually the same size. The
crystal manufacturer typically specifies a load capacitance which is the series combination of CL1 and CL2. The
PCB and MCU pin capacitance must be included (10 pF can be used as a rough estimate of the combined pin
and board capacitance) when sizing CL1 and CL2.
Note:
For information on selecting the crystal, refer to the application note AN2867 “Oscillator design guide for ST
microcontrollers” available from the ST website www.st.com.
Figure 23. Typical application with an 8 MHz crystal
OSC_ OU T
OSC_ IN
fHS E
C L1
R F
STM32
8 MHz
resonator
Resonator with
integrated capacitors
Bias
controlled
gain
R EXT (1)
C L2
1.
REXT value depends on the crystal characteristics.
Low-speed external clock generated from a crystal/ceramic resonator
The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal/ceramic resonator oscillator.
All the information given in this paragraph are based on characterization results obtained with typical external
components specified in Table 48. Low-speed external user clock characteristics. In the application, the resonator
and the load capacitors have to be placed as close as possible to the oscillator pins in order to minimize output
distortion and startup stabilization time. Refer to the crystal resonator manufacturer for more details on the
resonator characteristics (frequency, package, accuracy).
Table 48. Low-speed external user clock characteristics
Symbol
Parameter
Operating conditions(1)
Min(2)
Typ(2)
Max(2)
Unit
F
Oscillator frequency
-
-
32.768
-
kHz
IDD
LSE current consumption
LSEDRV[1:0] = 00,
Low drive capability
-
290
-
nA
LSEDRV[1:0] = 01,
Medium Low drive capability
-
390
-
LSEDRV[1:0] = 10,
Medium high drive capability
-
550
-
LSEDRV[1:0] = 11,
High drive capability
-
900
-
Gmcritmax
Maximum critical crystal gm
LSEDRV[1:0] = 00,
Low drive capability
-
-
0.5
µA/V
LSEDRV[1:0] = 01,
Medium Low drive capability
-
-
0.75
LSEDRV[1:0] = 10,
-
-
1.7
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 92/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com