Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7B0XB Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32H7B0XB
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, 128-Kbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS, crypto
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7B0XB Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32H7B0XB Datasheet HTML 108Page - STMicroelectronics STM32H7B0XB Datasheet HTML 109Page - STMicroelectronics STM32H7B0XB Datasheet HTML 110Page - STMicroelectronics STM32H7B0XB Datasheet HTML 111Page - STMicroelectronics STM32H7B0XB Datasheet HTML 112Page - STMicroelectronics STM32H7B0XB Datasheet HTML 113Page - STMicroelectronics STM32H7B0XB Datasheet HTML 114Page - STMicroelectronics STM32H7B0XB Datasheet HTML 115Page - STMicroelectronics STM32H7B0XB Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 205 page
background image
Table 77. Asynchronous multiplexed PSRAM/NOR write - NWAIT timings
Symbol
Parameter
Min(1)
Max(1)
Unit
tw(NE)
FMC_NE low time
9Tfmc_ker_ck − 1
9Tfmc_ker_ck
ns
tw(NWE)
FMC_NWE low time
7Tfmc_ker_ck − 0.5
7Tfmc_ker_ck + 0.5
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
5Tfmc_ker_ck + 9
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT invalid
4Tfmc_ker_ck + 12
-
1. Guaranteed by characterization results.
Synchronous waveforms and timings
Figure 30 through Figure 33 represent synchronous waveforms and Table 78 through Table 81 provide the
corresponding timings. The results shown in these tables are obtained with the following FMC configuration:
•
BurstAccessMode = FMC_BurstAccessMode_Enable
•
MemoryType = FMC_MemoryType_CRAM
•
WriteBurst = FMC_WriteBurst_Enable
•
CLKDivision = 1
•
DataLatency = 1 for NOR flash; DataLatency = 0 for PSRAM
In all timing tables, Tfmc_ker_ck is the kernel clock period, with the following FMC_CLK maximum values:
•
For 2.7 V < VDD < 3.6 V, FMC_CLK = 125 MHz at 20 pF
•
For 1.8 V < VDD < 1.9 V, FMC_CLK = 100 MHz at 20 pF
•
For 1.62 V < VDD<1.8 V, FMC_CLK = 100 MHz at 15 pF
STM32H7B0xB
Operating conditions
DS13196 - Rev 7
page 112/205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com