Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32U5A5QJ Datasheet(PDF) 229 Page - STMicroelectronics

Part # STM32U5A5QJ
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
PDF  382 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U5A5QJ Datasheet(HTML) 229 Page - STMicroelectronics

Back Button STM32U5A5QJ Datasheet HTML 225Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 226Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 227Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 228Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 229Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 230Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 231Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 232Page - STMicroelectronics STM32U5A5QJ Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 382 page
background image
IDD(BKPSRAM)
Supply current to be
added in Standby mode
when backup SRAM is
retained
-
1.8
0.14
0.19
0.35
0.55
0.95
µA
2.4
0.135 0.185
0.3
0.55
1
3
0.13
0.2
0.35
0.55
1
3.3
0.135
0.2
0.35
0.6
1
3.6
0.15
0.2
0.35
1
1
IDD(SRAM2)
Supply current to be
added in Standby mode
when full SRAM2 is
retained
LDO
1.8
1.695 3.855
9.75
18
31.95
2.4
1.715
4.01
9.8
18.3
33
3
1.755
4.1
10
18.35
33.5
3.3
1.755
4.15
10.5
18.4
34
3.6
1.85
4.2
10.85
19
34.5
IDD
(SRAM2_8K)
Supply current to be
added in Standby mode
when SRAM2 8KB
page 1 is retained
1.8
0.645 1.405
3.95
8
14.95
2.4
0.665
1.41
4.2
8
15.5
3
0.705
1.45
4.2
8.35
15.5
3.3
0.705
1.5
4.25
8.4
16
3.6
0.75
1.55
4.35
8.5
16
Table 61. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
Typ
Unit
-VDD (V) 25°C
55°C
85°C 105°C 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com